データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STC5423 データシート(PDF) 7 Page - Connor-Winfield Corporation

部品番号 STC5423
部品情報  Synchronous Clock for SETS
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CONNOR-WINFIELD [Connor-Winfield Corporation]
ホームページ  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5423 データシート(HTML) 7 Page - Connor-Winfield Corporation

Back Button STC5423 Datasheet HTML 3Page - Connor-Winfield Corporation STC5423 Datasheet HTML 4Page - Connor-Winfield Corporation STC5423 Datasheet HTML 5Page - Connor-Winfield Corporation STC5423 Datasheet HTML 6Page - Connor-Winfield Corporation STC5423 Datasheet HTML 7Page - Connor-Winfield Corporation STC5423 Datasheet HTML 8Page - Connor-Winfield Corporation STC5423 Datasheet HTML 9Page - Connor-Winfield Corporation STC5423 Datasheet HTML 10Page - Connor-Winfield Corporation STC5423 Datasheet HTML 11Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
Page 7 of 60
TM114
Rev:1.4
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5423
Synchronous Clock for SETS
Data sheet
CLK6
93
O
Clock output CLK6. 1MHz to 156.25MHz, in 1kHz steps, from Synthesizer G6 or Synthe-
sizer GT4 (T4). LVCMOS.
CLK7
94
O
Clock output CLK7. 1MHz to 156.25MHz, in 1kHz steps, from Synthesizer G7 or Synthe-
sizer GT4 (T4). LVCMOS.
CLK8K
30
O
8kHz frame pulse signal, 50% duty cycle or programmable pulse width (T0)
CLK2K
31
O
2kHz frame pulse signal, 50% duty cycle or programmable pulse width (T0)
SRCSW
18
I
Hard-wired manual reference input pre-selection
MPU_MODE0
60
I
Bus interface: Intel, Motorola, Multiplexed, SPI
MPU_MODE1
59
I
MPU_MODE2
58
I
CS
70
I
SPI bus chip select
WR
71
I
Write access for Intel, Motorola and Multiplex bus interface
RD
72
I
Read access for Intel and Multiplex bus interface
ALE/SCLK
73
I
ALE: Address latch enable for Multiplex bus interface
SCLK: Clock edge selection for SPI
RDY
75
O
Ready/Data Acknowledge for Intel, Motorola and Multiplex bus interface
A0/SDI
69
I
A0~A6: Address pins for bus interface Intel and Motorola
SDI: SPI bus data input
CLKE: Clock edge selection for SPI
A1/CLKE
68
I
A2
67
I
A3
66
I
A4
65
I
A5
64
I
A6
63
I
AD0/SDO
83
I/O
AD0~AD7: Bus interface Intel and Motorola data pins
Multiplex data and address pins
SDO: SPI bus data output
AD1
82
I/O
AD2
81
I/O
AD3
80
I/O
AD4
79
I/O
AD5
78
I/O
AD6
77
I/O
AD7
76
I/O
Table 1: Pin Description
Pin Name
Pin #
I/O
Description


同様の部品番号 - STC5423

メーカー部品番号データシート部品情報
logo
Connor-Winfield Corpora...
STC5420 CONNOR-WINFIELD-STC5420 Datasheet
2Mb / 70P
   Synchronous Clock for SETS
STC5425 CONNOR-WINFIELD-STC5425 Datasheet
790Kb / 48P
   Line Card Clock
STC5428 CONNOR-WINFIELD-STC5428 Datasheet
1Mb / 66P
   Synchronous Clock for SETS
More results

同様の説明 - STC5423

メーカー部品番号データシート部品情報
logo
Connor-Winfield Corpora...
STC4130 CONNOR-WINFIELD-STC4130 Datasheet
416Kb / 44P
   Synchronous Clock for SETS
STC5428 CONNOR-WINFIELD-STC5428 Datasheet
1Mb / 66P
   Synchronous Clock for SETS
STC5230 CONNOR-WINFIELD-STC5230 Datasheet
791Kb / 48P
   Synchronous Clock for SETS
STC5420 CONNOR-WINFIELD-STC5420 Datasheet
2Mb / 70P
   Synchronous Clock for SETS
STC5455 CONNOR-WINFIELD-STC5455 Datasheet
919Kb / 56P
   Synchronous Clock for SETS
logo
List of Unclassifed Man...
STC4130 ETC2-STC4130 Datasheet
416Kb / 44P
   Synchronous Clock for SETS
734200-1 ETC2-734200-1 Datasheet
51Kb / 1P
   HNADTOL FOR CHANGEABLE DIE SETS
logo
Renesas Technology Corp
8A34046 RENESAS-8A34046 Datasheet
2Mb / 101P
   SETS for SyncE and OTN
February 22, 2022
logo
List of Unclassifed Man...
SCG4501 ETC2-SCG4501 Datasheet
1Mb / 16P
   Synchronous Clock Generators
logo
Connor-Winfield Corpora...
SCG3050 CONNOR-WINFIELD-SCG3050 Datasheet
795Kb / 12P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com