データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM78M05M3 データシート(PDF) 4 Page - Cystech Electonics Corp.

部品番号 LM78M05M3
部品情報  Three Terminal Medium Current Positive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM78M05M3 データシート(HTML) 4 Page - Cystech Electonics Corp.

  LM78M05M3 Datasheet HTML 1Page - Cystech Electonics Corp. LM78M05M3 Datasheet HTML 2Page - Cystech Electonics Corp. LM78M05M3 Datasheet HTML 3Page - Cystech Electonics Corp. LM78M05M3 Datasheet HTML 4Page - Cystech Electonics Corp. LM78M05M3 Datasheet HTML 5Page - Cystech Electonics Corp. LM78M05M3 Datasheet HTML 6Page - Cystech Electonics Corp. LM78M05M3 Datasheet HTML 7Page - Cystech Electonics Corp. LM78M05M3 Datasheet HTML 8Page - Cystech Electonics Corp. LM78M05M3 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C520M3
Issued Date : 2014.05.08
Revised Date : 2014.06.23
Page No. : 4/10
LM78MXXM3
CYStek Product Specification
LM78M08
(Ta=25
°C, Vin=14V, Io=350mA, Cin=0.33uF, Cout=0.1uF, unless otherwise noted)
Symbol
Parameter
Conditions
LM78M08
Units
Min
Typ
Max
Vo
Output Voltage
7.68
8.0
8.32
V
5mA
≤Io≤350mA
10.5V
≤Vin≤23V
7.60
-
8.40
ΔVo
Line Regulation
IO=200mA, 10.5V
≤Vin≤25V
-
4
100
mV
IO=200mA, 11V
≤Vin≤25V
-
1
50
ΔVo
Load Regulation
5mA
≤Io≤500mA
-
30
160
mV
5mA
≤Io≤200mA
-
15
80
IQ
Quiescent Current
-
3
8
mA
ΔIQ
Quiescent Current
Change
5mA
≤Io≤350mA
-
-
0.5
mA
10.5V
≤Vin≤25V, Io=200mA
-
-
1.0
Vn
Output Noise Voltage
10Hz
≤f≤100KHz
-
80
-
μV
RR
Ripple Rejection
11.5V
≤Vin≤21.5V, Io=100mA,
f=120Hz, eIN=1Vrms
56
-
-
dB
VD
Dropout Voltage
Io=500mA
-
2
-
V
ISC
Output Short Circuit
Current
Vin=25V
400
mA
IPK
Peak Output Current
Tj=25℃
700
mA
TCVo
Temperature Coefficient
of Output Voltage
Io=5mA, 0≤Tj≤125℃
-0.5
mV/℃
LM78M09
(Ta=25
°C, Vin=15V, Io=350mA, Cin=0.33uF, Cout=0.1uF, unless otherwise noted)
Symbol
Parameter
Conditions
LM78M09
Units
Min
Typ
Max
Vo
Output Voltage
8.64
9.0
9.36
V
5mA
≤Io≤350mA
11.5V
≤Vin≤24V
8.55
-
9.45
ΔVo
Line Regulation
IO=200mA, 11.5V
≤Vin≤26V
-
4
100
mV
IO=200mA, 12V
≤Vin≤25V
-
2
50
ΔVo
Load Regulation
5mA
≤Io≤500mA
-
30
180
mV
5mA
≤Io≤200mA
-
15
90
IQ
Quiescent Current
-
3.5
8
mA
ΔIQ
Quiescent Current
Change
5mA
≤Io≤350mA
-
-
0.5
mA
12V
≤Vin≤25V, Io=200mA
-
-
1.0
Vn
Output Noise Voltage
10Hz
≤f≤100KHz
-
90
-
μV
RR
Ripple Rejection
13V
≤Vin≤23V, Io=100mA,
f=120Hz, eIN=1Vrms
56
-
-
dB
VD
Dropout Voltage
Io=500mA
-
2
-
V
ISC
Output Short Circuit
Current
Vin=30V
170
mA
IPK
Peak Output Current
Tj=25℃
700
mA
TCVo
Temperature Coefficient
of Output Voltage
Io=5mA, 0≤Tj≤125℃
-0.5
mV/℃


同様の部品番号 - LM78M05M3

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
LM78M05 FAIRCHILD-LM78M05 Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Guangdong Kexin Industr...
LM78M05 KEXIN-LM78M05 Datasheet
54Kb / 2P
   Three-Terminal Positive Voltage Regulator
logo
First Components Intern...
LM78M05 FCI-LM78M05 Datasheet
529Kb / 7P
   LM78M00Series-Terminal Low Current Positive Voltage Regulators
logo
Fairchild Semiconductor
LM78M05 FAIRCHILD-LM78M05 Datasheet
297Kb / 9P
   3-Terminal 0.5 A Positive Voltage Regulator
logo
Texas Instruments
LM78M05 TI1-LM78M05 Datasheet
1Mb / 22P
[Old version datasheet]   3-Terminal 500-mA Positive Voltage Regulators
More results

同様の説明 - LM78M05M3

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
LM78M06M3 CYSTEKEC-LM78M06M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
LM78M08M3 CYSTEKEC-LM78M08M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
LM78M15M3 CYSTEKEC-LM78M15M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
LM78M18M3 CYSTEKEC-LM78M18M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
LM78M12M3 CYSTEKEC-LM78M12M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
LM78M24M3 CYSTEKEC-LM78M24M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
LM78M09M3 CYSTEKEC-LM78M09M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
PL78M05XJ3 CYSTEKEC-PL78M05XJ3 Datasheet
152Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05J3 CYSTEKEC-LM78M05J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78MXXJ3 CYSTEKEC-LM78MXXJ3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com