データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM78M15M3 データシート(PDF) 1 Page - Cystech Electonics Corp.

部品番号 LM78M15M3
部品情報  Three Terminal Medium Current Positive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM78M15M3 データシート(HTML) 1 Page - Cystech Electonics Corp.

  LM78M15M3 Datasheet HTML 1Page - Cystech Electonics Corp. LM78M15M3 Datasheet HTML 2Page - Cystech Electonics Corp. LM78M15M3 Datasheet HTML 3Page - Cystech Electonics Corp. LM78M15M3 Datasheet HTML 4Page - Cystech Electonics Corp. LM78M15M3 Datasheet HTML 5Page - Cystech Electonics Corp. LM78M15M3 Datasheet HTML 6Page - Cystech Electonics Corp. LM78M15M3 Datasheet HTML 7Page - Cystech Electonics Corp. LM78M15M3 Datasheet HTML 8Page - Cystech Electonics Corp. LM78M15M3 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C520M3
Issued Date : 2014.05.08
Revised Date : 2014.06.23
Page No. : 1/10
LM78MXXM3
CYStek Product Specification
Three Terminal Medium Current Positive
Voltage Regulators
LM78MXXM3
Description
The LM78MXXM3 series of three-terminal positive regulators are available in the SOT-89 package and with 5V, 6V,
8V, 9V, 12V, 15V, 18V and 24V fixed output
voltages, making them useful in a wide range of applications.
These regulators can provide local on-card regulation, eliminating the distribution problems associated
with single point regulation. Each type employs internal current-limiting ,thermal shut-down and safe
operating area protection, making them essentially indestructible. If adequate heat sinking is provided, they
can deliver over 500mA output current. Although designed primarily as fixed voltage regulators, these devices
can be used with external components to obtain adjustable voltages and currents.
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Ratings
Unit
Input Voltage
LM7805~LM7818
35
V
LM7824
40
Operating Temperature Range
-40 ~ +125
Output Current
500
mA
Storage Temperature Range
-65 ~ +150
Total Power Dissipation
0.5
W
Note : When mounted on minimum pad size and tested in free air condition, without heat sinking.
Typical Application
PL78M05
Vout
Vin
C1
C2
Note:
C1 and C2 are required if regulator is
located far from power supply filter
and load, or oscillation may induced
on the loop.
LM78MXX
1
2
3
SOT-89
I
G O


同様の部品番号 - LM78M15M3

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM78M15 NSC-LM78M15 Datasheet
310Kb / 11P
   3-Terminal Positive Voltage Regulators
logo
First Components Intern...
LM78M15 FCI-LM78M15 Datasheet
529Kb / 7P
   LM78M00Series-Terminal Low Current Positive Voltage Regulators
logo
National Semiconductor ...
LM78M15CH NSC-LM78M15CH Datasheet
310Kb / 11P
   3-Terminal Positive Voltage Regulators
LM78M15CH NSC-LM78M15CH Datasheet
240Kb / 7P
   3-Terminal Positive Voltage Regulators
logo
Texas Instruments
LM78M15CH TI1-LM78M15CH Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
More results

同様の説明 - LM78M15M3

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
LM78M06M3 CYSTEKEC-LM78M06M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
LM78M08M3 CYSTEKEC-LM78M08M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
LM78M05M3 CYSTEKEC-LM78M05M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
LM78M18M3 CYSTEKEC-LM78M18M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
LM78M12M3 CYSTEKEC-LM78M12M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
LM78M24M3 CYSTEKEC-LM78M24M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
LM78M09M3 CYSTEKEC-LM78M09M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
PL78M05XJ3 CYSTEKEC-PL78M05XJ3 Datasheet
152Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05J3 CYSTEKEC-LM78M05J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78MXXJ3 CYSTEKEC-LM78MXXJ3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com