データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD6C201 データシート(PDF) 1 Page - Solid State Optronic

部品番号 AD6C201
部品情報  Compact 6 pin DIP/SMD Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSOUSA [Solid State Optronic]
ホームページ  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD6C201 データシート(HTML) 1 Page - Solid State Optronic

  AD6C201 Datasheet HTML 1Page - Solid State Optronic AD6C201 Datasheet HTML 2Page - Solid State Optronic AD6C201 Datasheet HTML 3Page - Solid State Optronic AD6C201 Datasheet HTML 4Page - Solid State Optronic AD6C201 Datasheet HTML 5Page - Solid State Optronic AD6C201 Datasheet HTML 6Page - Solid State Optronic AD6C201 Datasheet HTML 7Page - Solid State Optronic AD6C201 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
AD6C201 H/S/TR
Rev 2.00 (11/25/2013)
001741
Page 1 of 8
AD6C201
1 Form A
600V / 20 Ω
MOSFET Output Solid State Relay
Description
The AD6C201 is a bi-directional, single-pole, single-throw,
normally open multipurpose solid-state relay in a compact 6
pin DIP package. With a high blocking voltage (600V) and
low on-resistance, it is ideally suited to high voltage
applications requiring higher load currents.
The relay
consists of an integrated circuit that drives two rugged
source-to-source enhancement type DMOS transistors –
optically coupled to a light emitting diode. The output MOS
transistors are protected with free-wheeling diodes that can
handle up to 1.5A of inrush current
The AD6C201 comes standard in a compact 6 pin DIP
package making it ideal for high-density board applications.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Reed Relay Replacement
Security Systems
Meter Reading Equipment
Data Acquisition
Battery Monitoring
Multiplexers
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature
………………………-40 to +85°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………40mW
Output Power Dissipation ……………………………..800mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
AD6C201
6 pin DIP, (50/Tube)
AD6C201-H
5kVRMS VISO, 6 pin DIP, (50/Tube)
AD6C201-S
6 pin SMD, (50/Tube)
AD6C201-HS
5kVRMS, 6 pin SMD, (50/Tube)
AD6C201-STR
6 pin SMD, Tape and Reel (1000/Reel)
AD6C201-HSTR 5kVRMS, 6 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
Compact 6 pin DIP/SMD Package
High Input-to-Output Isolation (up to 5VRMS)
High Blocking Voltage (>600V)
150mA Maximum Continuous Load Current
Low On Resistance (17
 TYP)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
1
2
3
4
5
6
(+) Input
(-) Input
Do Not Use
-/+ Load
DC Connection
+/- Load
AD6C201


同様の部品番号 - AD6C201

メーカー部品番号データシート部品情報
logo
Solid State Optronic
AD6C211 SSOUSA-AD6C211 Datasheet
201Kb / 5P
   1 Form A Solid State Relay
AD6C211-L SSOUSA-AD6C211-L Datasheet
202Kb / 5P
   1 Form A Solid State Relay
AD6C211-L SSOUSA-AD6C211-L_15 Datasheet
309Kb / 9P
   High Isolation Voltage (3750VRMS)
AD6C212 SSOUSA-AD6C212 Datasheet
160Kb / 4P
   1 Form B Solid State Relay
AD6C223 SSOUSA-AD6C223 Datasheet
223Kb / 6P
   1 Form C Solid State Relay
More results

同様の説明 - AD6C201

メーカー部品番号データシート部品情報
logo
Solid State Optronic
AD6C542 SSOUSA-AD6C542 Datasheet
339Kb / 8P
   Compact 6 pin DIP/SMD Package
AD6C742 SSOUSA-AD6C742 Datasheet
347Kb / 8P
   Compact 6 pin DIP/SMD Package
MD621 SSOUSA-MD621 Datasheet
223Kb / 7P
   Compact 6 pin DIP/SMD package
AD6C331 SSOUSA-AD6C331 Datasheet
346Kb / 8P
   Compact 6 pin DIP/SMD Package
MD601 SSOUSA-MD601 Datasheet
223Kb / 7P
   Compact 6 pin DIP/SMD package
AD2C112 SSOUSA-AD2C112 Datasheet
334Kb / 8P
   Compact 4 pin DIP/SMD Package
AD2C641 SSOUSA-AD2C641 Datasheet
342Kb / 8P
   Compact 4 pin DIP/SMD Package
AD2C201 SSOUSA-AD2C201 Datasheet
342Kb / 8P
   Compact 4 pin DIP/SMD Package
SM8024 SSOUSA-SM8024 Datasheet
240Kb / 7P
   Compact 8 pin DIP/SMD package
AD2C331 SSOUSA-AD2C331 Datasheet
341Kb / 8P
   Compact 4 pin DIP/SMD Package
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com