データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

932SQ426 データシート(PDF) 8 Page - Integrated Device Technology

部品番号 932SQ426
部品情報  64-pin TSSOP and VFQFPN packages
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQ426 データシート(HTML) 8 Page - Integrated Device Technology

Back Button 932SQ426 Datasheet HTML 4Page - Integrated Device Technology 932SQ426 Datasheet HTML 5Page - Integrated Device Technology 932SQ426 Datasheet HTML 6Page - Integrated Device Technology 932SQ426 Datasheet HTML 7Page - Integrated Device Technology 932SQ426 Datasheet HTML 8Page - Integrated Device Technology 932SQ426 Datasheet HTML 9Page - Integrated Device Technology 932SQ426 Datasheet HTML 10Page - Integrated Device Technology 932SQ426 Datasheet HTML 11Page - Integrated Device Technology 932SQ426 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
932SQ426
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKINGS
IDT®
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKINGS
8
932SQ426
REV B 070815
Test Loads and Recommended Terminations
Differential Zo
Rp
Rp
HSCL Output
Buffer
932SQ426 Differential Test Loads
Rs
Rs
2pF
2pF
Zo
5pF
Zo
5pF
Zo
5pF
Zo
5pF
Zo
5pF
Zo
5pF
Rs
Rs
Rs
Rs
Rs
Rs
Differential Output Termination Table
D IF Zo (Ω)Iref (Ω)Rs (Ω)Rp (Ω)
100
475
33
50
85
412
27
43.2
Single-ended Output Termination Table
Output
Loads
Zo = 50Ω
Zo =60Ω
PCI/USB
1
36
43
PCI/USB
2
22
33
REF
1
39
47
REF
2
27
36
REF
3
10
20
Rs Value
(for each load)


同様の部品番号 - 932SQ426

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
932SQ426 IDT-932SQ426 Datasheet
375Kb / 25P
   DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
logo
Renesas Technology Corp
932SQ426 RENESAS-932SQ426 Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
logo
Integrated Device Techn...
932SQ426AGLF IDT-932SQ426AGLF Datasheet
375Kb / 25P
   DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
logo
Renesas Technology Corp
932SQ426AGLF RENESAS-932SQ426AGLF Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
logo
Integrated Device Techn...
932SQ426AGLFT IDT-932SQ426AGLFT Datasheet
375Kb / 25P
   DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
More results

同様の説明 - 932SQ426

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
932SQ420D IDT-932SQ420D Datasheet
435Kb / 28P
   64-pin TSSOP and MLF packages
9ZXL1251 IDT-9ZXL1251 Datasheet
377Kb / 20P
   Space-saving 64-pin VFQFPN package
9ZXL1231 IDT-9ZXL1231 Datasheet
201Kb / 18P
   Space-saving 64 VFQFPN package
logo
Estek Electronics Co. L...
24C02 ESTEK-24C02 Datasheet
1Mb / 13P
   8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
logo
Integrated Device Techn...
IDT5V41067A IDT-IDT5V41067A Datasheet
194Kb / 13P
   20-pin TSSOP package
IDT5V41068A IDT-IDT5V41068A Datasheet
185Kb / 13P
   16-pin TSSOP package
logo
International Rectifier
TSSOP-14PIN IRF-TSSOP-14PIN Datasheet
19Kb / 1P
   TSSOP Package 14-Pin
logo
HALO Electronics, Inc.
LD01-0506KRL HALO-LD01-0506KRL Datasheet
508Kb / 2P
   16 Pin DIP and SMD Packages
logo
STMicroelectronics
TN1208 STMICROELECTRONICS-TN1208 Datasheet
748Kb / 13P
   Tape and reel shipping media for STM8 and STM32 microcontrollers in TSSOP and SSOP packages
logo
Integrated Device Techn...
ICS650-41 IDT-ICS650-41 Datasheet
228Kb / 11P
   Packaged in 16-pin TSSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com