データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UF30P02 データシート(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

部品番号 UF30P02
部品情報  Glass Passivated Ultra Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YENYO [YENYO TECHNOLOGY Co., Ltd]
ホームページ  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

UF30P02 データシート(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  UF30P02 Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd UF30P02 Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YENYO
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
TO-247-2L
UF30P01 THRU UF30P05
Voltage Range 50 to 600 V
Current 30.0 Ampere
Glass Passivated Ultra Fast Recovery Rectifier
UF
30P01
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
UF
30P02
UF
30P03
UF
30P04
UF
30P05
50
100
200
140
200
400
280
400
35
70
50
100
30.0
10.0
250
1.0
1.3
1.7
50
500
175
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
nS
600
420
600
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 30.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: Molded plastic TO-247-2L
High surge current capability
Weight: 5.6 grams
Polarity:Color band denotes cathode
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
Epoxy: UL 94V-0 rate flame retardant
1 / 2
R2,MAY-12
75
1
.645(16.4)
.625(15.9)
.245(6.2)
.225(5.7)
.840(21.3)
.820(20.8)
.795(20.2)
.775(19.5)
.048(1.22)
.044(1.12)
.225(5.7)
.205(5.2)
.160(4.1)
.140(3.5)
.142(3.6)
.138(3.5)
3
2
.17(4.3)
.323(8.2)
.313(7.9)
.127(3.22)
.117(2.97)
.086(2.18)
.076(1.93)
.203(5.16)
.193(4.90)
.078(1.98)
.118(3.0)
.108(2.7)
.030(0.76)
.020(0.51)
10
o
30
o
10
o
1
2
Max .066(1.7)
PARAMTER


同様の部品番号 - UF30P02

メーカー部品番号データシート部品情報
logo
YENYO TECHNOLOGY Co., L...
UF30P02C YENYO-UF30P02C Datasheet
673Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
More results

同様の説明 - UF30P02

メーカー部品番号データシート部品情報
logo
Comchip Technology
UF16C01C-G COMCHIP-UF16C01C-G Datasheet
46Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
UF4002E YENYO-UF4002E Datasheet
646Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF8A01 YENYO-UF8A01 Datasheet
950Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF16C01C YENYO-UF16C01C Datasheet
683Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF16C01CF YENYO-UF16C01CF Datasheet
671Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF20C01CF YENYO-UF20C01CF Datasheet
845Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF501G YENYO-UF501G Datasheet
662Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
logo
Comchip Technology
UF20C01C-G COMCHIP-UF20C01C-G Datasheet
47Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF8A01F-G COMCHIP-UF8A01F-G Datasheet
46Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF16C01CF-G COMCHIP-UF16C01CF-G Datasheet
47Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com