データシートサーチシステム |
|
TLC2274-HT データシート(PDF) 7 Page - Texas Instruments |
|
|
TLC2274-HT データシート(HTML) 7 Page - Texas Instruments |
7 / 29 page TLC2274-HT www.ti.com SGLS416 – JANUARY 2015 6.7 Electrical Characteristics, VDD± = ±5 V at specified free-air temperature, VDD± = ±5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA (1) MIN TYP MAX UNIT 25°C 300 2500 VIO Input offset voltage μV Full range 3000 Temperature coefficient of αVIO 25°C to 125°C 2 μV/°C input offset voltage Input offset voltage long- VIC = 0 V, 25°C 0.002 μV/mo VO = 0 V term drift(2) RS = 50 Ω 25°C 0.5 60 IIO Input offset current pA Full range 7000 25°C 1 60 IIB Input bias current pA Full range 7000 25°C −5 to 4 −5.3 to 4.2 Common-mode input VICR RS = 50 Ω |VIO| ≤ 5 mV V voltage range Full range −5 to 3.5 IO = −20 μA 25°C 4.99 25°C 4.85 4.93 IO = −200 μA Maximum positive peak VOM+ Full range 4.84 V output voltage 25°C 4.25 4.65 IO = −1 mA Full range 4.20 VIC = 0 V, IO = 50 μA 25°C −4.99 25°C −4.85 −4.91 VIC = 0 V, IO = 500 μA Maximum negative peak VOM- Full range −4.85 V output voltage 25°C −3.5 −4.1 VIC = 0 V, IO = 5 mA Full range −3.45 25°C 20 50 RL = 10 kΩ Large-signal differential AVD VO = ±4 V, Full range 16 V/mV voltage amplification RL = 1 MΩ 25°C 300 Differential input rid 25°C Ω 1012 resistance Common-mode input ri 25°C Ω 1012 resistance Common-mode input f = 10 kHz, N package ci 25°C 8 pF capacitance Closed-loop output f = 1 MHz, AV = 10 zo 25°C 130 Ω impedance VIC = -5 V to 2.7 V, RS = 50 Ω 25°C 75 80 Common-mode rejection CMRR dB VO = 0 V, ratio Full range 73 VDD = ±2.2 V to ±8 V, 25°C 80 95 Supply voltage rejection kSVR dB ratio ( ΔVDD/ΔVIO) VIC = 0V, No load Full range 80 25°C 4.4 6 IDD Supply current VO = 0 V, No load mA Full range 6 (1) Full range is −40°C to 150°C for this part. (2) Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. Copyright © 2015, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: TLC2274-HT |
同様の部品番号 - TLC2274-HT |
|
同様の説明 - TLC2274-HT |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |