データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV733P データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV733P
部品情報  TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in a 1-mm1-mm SON Package
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TLV733P データシート(HTML) 3 Page - Texas Instruments

  TLV733P Datasheet HTML 1Page - Texas Instruments TLV733P Datasheet HTML 2Page - Texas Instruments TLV733P Datasheet HTML 3Page - Texas Instruments TLV733P Datasheet HTML 4Page - Texas Instruments TLV733P Datasheet HTML 5Page - Texas Instruments TLV733P Datasheet HTML 6Page - Texas Instruments TLV733P Datasheet HTML 7Page - Texas Instruments TLV733P Datasheet HTML 8Page - Texas Instruments TLV733P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
OUT
GND
IN
EN
1
2
4
3
1
2
3
5
4
OUT
NC
IN
GND
EN
TLV733P
www.ti.com
SBVS235A – OCTOBER 2014 – REVISED DECEMBER 2014
5 Pin Configuration and Functions
DBV Package
SOT-23-5
(Top View)
DQN Package
1-mm × 1-mm X2SON-4
(Top View)
Pin Functions
PIN
NO.
NAME
DQN
DBV
I/O
DESCRIPTION
Enable pin. Drive EN greater than 0.9 V to turn on the regulator.
EN
3
3
I
Drive EN less than 0.35 V to put the LDO into shutdown mode.
GND
2
2
Ground pin
Input pin. A small capacitor is recommended from this pin to ground.
IN
4
1
I
See the Input and Output Capacitor Selection section for more details.
NC
N/A
4
No internal connection
Regulated output voltage pin. For best transient response, use a small 1-
μF
OUT
1
5
O
ceramic capacitor from this pin to ground.
See the Input and Output Capacitor Selection section for more details.
The thermal pad is electrically connected to the GND node.
Thermal pad
Connect to the GND plane for improved thermal performance.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TLV733P


同様の部品番号 - TLV733P

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV733P TI1-TLV733P Datasheet
1Mb / 34P
[Old version datasheet]   TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
TLV733P TI1-TLV733P Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P TI1-TLV733P Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
More results

同様の説明 - TLV733P

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV733P TI1-TLV733P_16 Datasheet
1Mb / 34P
[Old version datasheet]   TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
TLV716 TI-TLV716_15 Datasheet
1,022Kb / 21P
[Old version datasheet]   Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 횞 1,2-mm SON Package
TLV7163030PDPQT TI-TLV7163030PDPQT Datasheet
480Kb / 19P
[Old version datasheet]   Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 1,2-mm SON Package
TPS7A05 TI1-TPS7A05_18 Datasheet
3Mb / 40P
[Old version datasheet]   1-uA Ultralow IQ, 200-mA, Low-Dropout Regulator in a 1-mm x 1-mm Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TPS7A05 TI1-TPS7A05 Datasheet
511Kb / 24P
[Old version datasheet]   1-uA IQ, 200-mA, Ultralow IQ Low-Dropout Regulator in a 1-mm x 1-mm Package
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TPS62590-Q1 TI-TPS62590-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS62590-Q1 Automotive 2.25-MHz 1-A Step-Down Converter In 2-mm 횞 2-mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com