データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC79L15CD データシート(PDF) 1 Page - Texas Instruments

部品番号 MC79L15CD
部品情報  NEGATIVE-VOLTAGE REGULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

MC79L15CD データシート(HTML) 1 Page - Texas Instruments

  MC79L15CD Datasheet HTML 1Page - Texas Instruments MC79L15CD Datasheet HTML 2Page - Texas Instruments MC79L15CD Datasheet HTML 3Page - Texas Instruments MC79L15CD Datasheet HTML 4Page - Texas Instruments MC79L15CD Datasheet HTML 5Page - Texas Instruments MC79L15CD Datasheet HTML 6Page - Texas Instruments MC79L15CD Datasheet HTML 7Page - Texas Instruments MC79L15CD Datasheet HTML 8Page - Texas Instruments MC79L15CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
2
3
4
8
7
6
5
OUTPUT
INPUT
INPUT
NC
NC
INPUT
INPUT
COMMON
D PACKAGE
(TOP VIEW)
NC − No internal connection
LP PACKAGE
(TOP VIEW)
† Internally connected
OUTPUT
INPUT
COMMON
MC79L00 SERIES
NEGATIVEVOLTAGE REGULATORS
SLVS011D − OCTOBER 1982 − REVISED AUGUST 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 3-Terminal Regulators
D Output Current Up To 100 mA
D No External Components Required
D Internal Thermal-Overload Protection
D Internal Short-Circuit Current Limiting
D Direct Replacement for Industry-Standard
MC79L00 Series
D Available in 5% or 10% Selections
description/ordering information
This
series
of
fixed
negative-voltage
integrated-circuit voltage regulators is designed
for a wide range of applications. These include
on-card regulation for elimination of noise and
distribution problems associated with single-point
regulation. In addition, they can be used to control series pass elements to make high-current voltage-regulator
circuits. One of these regulators can deliver up to 100 mA of output current. The internal current-limiting and
thermal-shutdown features essentially make the regulators immune to overload. When used as a replacement
for a Zener-diode and resistor combination, these devices can provide an effective improvement in output
impedance of two orders of magnitude, with lower bias current.
ORDERING INFORMATION
TJ
OUTPUT
VOLTAGE
TOLERANCE
NOMINAL
OUTPUT
VOLTAGE
(V)
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC (D)
Tube of 75
MC79L05ACD
79L05A
−5
SOIC (D)
Reel of 2500
MC79L05ACDR
79L05A
−5
TO-226 / TO-92 (LP)
Bulk of 1000
MC79L05ACLP
79L05AC
TO-226 / TO-92 (LP)
Reel of 2000
MC79L05ACLPR
79L05AC
SOIC (D)
Tube of 75
MC79L12ACD
79L12A
5%
−12
SOIC (D)
Reel of 2500
MC79L12ACDR
79L12A
0
°C to 125°C
5%
−12
TO-226 / TO-92 (LP)
Bulk of 1000
MC79L12ACLP
79L12AC
0 C to 125 C
TO-226 / TO-92 (LP)
Reel of 2000
MC79L12ACLPR
79L12AC
Bulk of 1000
MC79L15ACLP
−15
TO-226 / TO-92 (LP)
Ammo of 2000
MC79L15ACLPM
79L15AC
−15
TO-226 / TO-92 (LP)
Reel of 2000
MC79L15ACLPR
79L15AC
10%
−12
TO-226 / TO-92 (LP)
Bulk of 1000
MC79L12CLP
79L12C
10%
−15
SOIC (D)
Tube of 75
MC79L15CD
79L15C
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


同様の部品番号 - MC79L15CD

メーカー部品番号データシート部品情報
logo
Texas Instruments
MC79L15CD TI-MC79L15CD Datasheet
324Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
MC79L15CD TI1-MC79L15CD Datasheet
528Kb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
MC79L15CDE4 TI-MC79L15CDE4 Datasheet
324Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
MC79L15CDG4 TI-MC79L15CDG4 Datasheet
324Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
More results

同様の説明 - MC79L15CD

メーカー部品番号データシート部品情報
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
   Negative voltage regulators
logo
Texas Instruments
UA79M00 TI1-UA79M00_17 Datasheet
1Mb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_17 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Estek Electronics Co. L...
ET-79LXXND ESTEK-ET-79LXXND Datasheet
1Mb / 5P
   Negative-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com