データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC08D1520QML-SP データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 ADC08D1520QML-SP
部品情報  ADC08D1520QML Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

ADC08D1520QML-SP データシート(HTML) 10 Page - Texas Instruments

Back Button ADC08D1520QML-SP Datasheet HTML 6Page - Texas Instruments ADC08D1520QML-SP Datasheet HTML 7Page - Texas Instruments ADC08D1520QML-SP Datasheet HTML 8Page - Texas Instruments ADC08D1520QML-SP Datasheet HTML 9Page - Texas Instruments ADC08D1520QML-SP Datasheet HTML 10Page - Texas Instruments ADC08D1520QML-SP Datasheet HTML 11Page - Texas Instruments ADC08D1520QML-SP Datasheet HTML 12Page - Texas Instruments ADC08D1520QML-SP Datasheet HTML 13Page - Texas Instruments ADC08D1520QML-SP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
I / O
GND
V
A
TO INTERNAL
CIRCUITRY
ADC08D1520QML-SP
SNAS420O – JANUARY 2008 – REVISED MARCH 2013
www.ti.com
Quality Conformance Inspection
MIL-STD-883, Method 5005 - Group A
Subgroup
Description
Temp ( C)
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
12
Setting time at
+25
13
Setting time at
+125
14
Setting time at
-55
ADC08D1520 Converter Electrical Characteristics DC Parameters
(1)
The following specifications apply after calibration for VA = VDR = +1.9V; OutV = 1.9V; VIN FSR (a.c. coupled) = differential
870 mVP-P; CL = 10 pF; Differential, a.c. coupled Sine Wave Input Clock, fCLK = 1.5 GHz at 0.5 VP-P with 50% duty cycle; VBG =
Floating; Non-Extended Control Mode; SDR Mode; REXT = 3300 Ω ±0.1%; Analog Signal Source Impedance = 100 Ω
Differential; 1:2 Output Demultiplex, duty cycle stabilizer on. Boldface limits apply for TA = TMIN to TMAX. All other limits TA =
25°C, unless otherwise noted.
(2) (3)
Sub-
Parameter
Test Conditions
Notes
Typ(4)
Min
Max
Units
groups
STATIC CONVERTER CHARACTERISTICS
Integral Non-Linearity
DC Coupled, 1 MHz Sine Wave
INL
±0.3
±.9
LSB
1, 2, 3
(Best fit)
Overanged
DC Coupled, 1 MHz Sine Wave
DNL
Differential Non-Linearity
±0.15
±.6
LSB
1, 2, 3
Overanged
Resolution with No Missing
8
Bits
1, 2, 3
Codes
VOFF
Offset Error
−0.55
−1.5
1.5
LSB
1, 2, 3
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. Radiation end point limits for the noted parameters are ensured only for the conditions as specified in MIL-STD-
883, Method 1019
(2)
The analog inputs are protected as shown below. Input voltage magnitudes beyond the Absolute Maximum Ratings may damage this
device.
(3)
To ensure accuracy, it is required that VA and VDR be well bypassed. Each supply pin must be decoupled with separate bypass
capacitors. Additionally, achieving rated performance requires that the backside exposed pad be well grounded.
(4)
Typical figures are at TA = 25°C, and represent most likely parametric norms. Test limits are specified to MIL-PRF-38535.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: ADC08D1520QML-SP


同様の部品番号 - ADC08D1520QML-SP

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC08D1520QML-SP TI1-ADC08D1520QML-SP Datasheet
1Mb / 58P
[Old version datasheet]   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520QML-SP TI1-ADC08D1520QML-SP_17 Datasheet
1Mb / 58P
[Old version datasheet]   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
More results

同様の説明 - ADC08D1520QML-SP

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC08D1520QML NSC-ADC08D1520QML Datasheet
1Mb / 46P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520 NSC-ADC08D1520_09 Datasheet
847Kb / 44P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520 NSC-ADC08D1520 Datasheet
781Kb / 44P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
logo
Texas Instruments
ADC08D1520QML-SP TI1-ADC08D1520QML-SP_17 Datasheet
1Mb / 58P
[Old version datasheet]   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC07D1520 TI1-ADC07D1520 Datasheet
758Kb / 53P
[Old version datasheet]   Low Power, 7-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC07D1520 TI1-ADC07D1520_12 Datasheet
732Kb / 52P
[Old version datasheet]   Low Power, 7-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1020 NSC-ADC08D1020 Datasheet
1Mb / 44P
   Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
ADC08D1020 NSC-ADC08D1020_08 Datasheet
1Mb / 44P
   Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
ADC08D1020 NSC-ADC08D1020_09 Datasheet
1Mb / 44P
   Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
logo
Texas Instruments
ADC10D1000 TI1-ADC10D1000 Datasheet
1Mb / 82P
[Old version datasheet]   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com