データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM140JAN-SP データシート(PDF) 10 Page - Texas Instruments

部品番号 LM140JAN-SP
部品情報  LM140JAN Three Terminal Positive Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM140JAN-SP データシート(HTML) 10 Page - Texas Instruments

Back Button LM140JAN-SP_15 Datasheet HTML 4Page - Texas Instruments LM140JAN-SP_15 Datasheet HTML 5Page - Texas Instruments LM140JAN-SP_15 Datasheet HTML 6Page - Texas Instruments LM140JAN-SP_15 Datasheet HTML 7Page - Texas Instruments LM140JAN-SP_15 Datasheet HTML 8Page - Texas Instruments LM140JAN-SP_15 Datasheet HTML 9Page - Texas Instruments LM140JAN-SP_15 Datasheet HTML 10Page - Texas Instruments LM140JAN-SP_15 Datasheet HTML 11Page - Texas Instruments LM140JAN-SP_15 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LM140JAN
SNVS399A – FEBRUARY 2006 – REVISED MARCH 2013
www.ti.com
LM140K-15 (JL140-15BYA, SYA) JAN Electrical Characteristics DC Parameters (continued)
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
IOL
Overload Current
Forced
ΔVO = -1.43V,
-4.0
-1.0
A
1, 2, 3
VI = 18.5V
IOS
Output Short Circuit Current
VI = 20V
-3.5
-0.02
A
1, 2, 3
VI = 35V
-2.0
-0.02
A
1, 2, 3
VO (2)
Output Voltage
VI = 20V, IL = -5mA
(1)
14.1
15.9
V
2
VO (3)
Output Voltage
VI = 20V, IL = -5mA
(2)
14.2
15.7
V
7, 8A, 8B
5
5
ΔVO / ΔT
Average Temperature Coefficient
25°C
≤ TA ≤ +125°C,
(3)
-3.75
3.75
mV/°C
8A
Output Voltage
VI = 20V, IL = -5mA
-55°C
≤ TA ≤ 25°C,
(3)
-3.75
3.75
mV/°C
8B
VI = 20V, IL = -5mA
(1)
Tested at TA = +125°C, correlated to TA = +150°C.
(2)
Tested at extremes as a set up for
ΔVO/ΔT tests.
(3)
Calculated parameter. For calculations use VO @ VI = 20V, IL = −5mA..; Tested at extremes as a set up for ΔVO/ΔT tests.
LM140K-15 (JL140-15BYA, SYA) JAN Electrical Characteristics AC Parameters
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
NO
Output Noise Voltage
VI = 20V, IL = -0.1A
300
µVRMS
7
ΔVO / ΔIL
Transient Load Response
ΔIL = -400mA, VI = 20V,
2.5
mV/mA
7
IL = -100mA
ΔVO / ΔVI
Transient Line Response
VI = 20V, VPulse = 3V,
30
mV/V
7
IL = -5mA
ΔVI / ΔVO
Ripple Rejection
VI = 20V, IL = -350mA,
53
dB
4
eI = 1VRMS at f = 2400Hz
LM140K-15 (JL140-15BYA, SYA) JAN Electrical Characteristics DC Drift Parameters
Delta calculations performed on JAN S devices at group B, Subgroup 5, only.
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VO
Output Voltage
VI = 18.5V, IL = -5mA
-
0.07
V
1
0.07
5
5
VI = 18.5V, IL = -1A
-
0.07
V
1
0.07
5
5
VI = 30V, IL = -5mA
-
0.07
V
1
0.07
5
5
VI = 30V, IL = -1A
-
0.07
V
1
0.07
5
5
VI = 35V, IL = -5mA
-
0.07
V
1
0.07
5
5
VI = 35V, IL = -0.1A
-
0.07
V
1
0.07
5
5
ISCD
Stand by Current Drain
VI = 20V, IL = -5mA
-20
20
%
1
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM140JAN


同様の部品番号 - LM140JAN-SP_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM140JAN NSC-LM140JAN Datasheet
535Kb / 12P
   Three Terminal Positive Regulators
More results

同様の説明 - LM140JAN-SP_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM140JAN NSC-LM140JAN Datasheet
535Kb / 12P
   Three Terminal Positive Regulators
logo
Toshiba Semiconductor
TA78L005AP TOSHIBA-TA78L005AP_06 Datasheet
674Kb / 22P
   Three-Terminal Positive Regulators
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
First Silicon Co., Ltd
LM7805P FS-LM7805P Datasheet
306Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com