データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3262 データシート(PDF) 7 Page - Texas Instruments

部品番号 LM3262
部品情報  LM3262 6MHz, 800 mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM3262 データシート(HTML) 7 Page - Texas Instruments

Back Button LM3262_15 Datasheet HTML 3Page - Texas Instruments LM3262_15 Datasheet HTML 4Page - Texas Instruments LM3262_15 Datasheet HTML 5Page - Texas Instruments LM3262_15 Datasheet HTML 6Page - Texas Instruments LM3262_15 Datasheet HTML 7Page - Texas Instruments LM3262_15 Datasheet HTML 8Page - Texas Instruments LM3262_15 Datasheet HTML 9Page - Texas Instruments LM3262_15 Datasheet HTML 10Page - Texas Instruments LM3262_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
SUPPLY VOLTAGE (V)
2.006
2.004
2.002
2.000
1.998
1.996
1.994
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
TA = +85°C
TA = +25°C
TA = -30°C
2.5
3.0
3.5
4.0
4.5
5.0
5.5
400
500
600
700
800
900
SUPPLY VOLTAGE (V)
VIN = 25°C
VIN = -40°C
VIN = 95°C
0.5
1.0
1.5
2.0
2.5
3.0
3.5
50
60
70
80
90
100
OUTPUT VOLTAGE (V)
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V
-35
-15
5
25
45
65
85
105
20
21
22
23
24
25
26
27
AMBIENT TEMPERATURE (°C)
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V
LM3262
www.ti.com
SNVS875N – AUGUST 2012 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = EN = 3.6V, L = 0.5 µH, CIN = 10 µF, COUT = 4.7 µF and TA = +25°C, unless otherwise noted.
Shutdown Current
Sleep Mode Current
vs
vs.
Temperature
Temperature
(SW=VCON=EN=BPEN=0V)
(VCON<80mV; EN=VIN, BPEN=0)
Figure 2.
Figure 3.
Quiescent Current
ECO Mode Supply Current
vs
vs
Supply Voltage
Output Voltage
(No switching, FB=1V, VCON=0.13V)
(Closed loop, Switching, No load)
Figure 4.
Figure 5.
Switching Frequency
Output Voltage
vs
vs
Temperature
Supply Voltage
(VOUT= 2.0V, IOUT=200mA)
(VOUT=2.0V, RLOAD=10Ω)
Figure 6.
Figure 7.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3262


同様の部品番号 - LM3262_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3262 TI1-LM3262_16 Datasheet
2Mb / 41P
[Old version datasheet]   Adjustable, Step-Down DC-DC Converter With Auto Bypass
More results

同様の説明 - LM3262_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
LM3242 TI-LM3242_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3242 6-MHz, 750-mA Miniature Adjustable Step-Down DC-DC Converter With Auto Bypass for RF Power Amplifiers
REVISED AUGUST 2015
logo
National Semiconductor ...
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3241 TI1-LM3241_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM3241 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
REVISED APRIL 2013
LM3204 TI-LM3204_15 Datasheet
903Kb / 24P
[Old version datasheet]   LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200 TI-LM3200_15 Datasheet
937Kb / 24P
[Old version datasheet]   LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3218 NSC-LM3218 Datasheet
4Mb / 16P
   650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com