データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3281 データシート(PDF) 11 Page - Texas Instruments

部品番号 LM3281
部品情報  LM3281 3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter for Wireless Connectivity Solutions
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM3281 データシート(HTML) 11 Page - Texas Instruments

Back Button LM3281_15 Datasheet HTML 7Page - Texas Instruments LM3281_15 Datasheet HTML 8Page - Texas Instruments LM3281_15 Datasheet HTML 9Page - Texas Instruments LM3281_15 Datasheet HTML 10Page - Texas Instruments LM3281_15 Datasheet HTML 11Page - Texas Instruments LM3281_15 Datasheet HTML 12Page - Texas Instruments LM3281_15 Datasheet HTML 13Page - Texas Instruments LM3281_15 Datasheet HTML 14Page - Texas Instruments LM3281_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LM3281
www.ti.com
SNVSA38 – NOVEMBER 2014
Feature Description (continued)
7.3.3 Low IQ
An ECOnomy (ECO) mode of operation draws 16 µA (typ.) quiescent current, permitting the LM3281 to be used
in “always-on” applications. This low IQ is achieved over the entire input supply range of 5.5 V to 2.6 V,
irrespective of whether LM3281 is operating in regulation (ECO Mode or Analog Bypass mode) or in full dropout
(full bypass).
7.3.4 Forced PWM Operation
ECO mode provides low IQ while PWM mode optimizes output voltage ripple and transient performance. When
high, the MODE pin permits automatic mode selection based on load current. When MODE is pulled low the
LM3281 enters “forced PWM” operation with very low ripple and optimized transient response. Alternately, the
MODE pin can be tied high in an application to allow the device to always select a mode of operation
automatically.
7.3.5 High Maximum Current
Load current of 1.2 A is supported with short bursts (of < 100 µS with < 10% duty cycle) up to 1.4 A.
A wide variety of load current use cases are accommodated by the LM3281. Examples are described in Table 1
and Table 2: one for high ambient temperature all the time, and one for a more typical ambient temperature use
case. Many alternate use case scenarios are available; please contact TI to discuss the load current relevant for
a given application.
For the high ambient temperature of 85°C for the entire device operational lifetime, see Table 1:
Table 1. ILOAD Example for Constant 85°C Ambient Temperature
ILOAD
AMBIENT TEMPERATURE
PERCENT OPERATIONAL LIFETIME
100 mA
85°C
Up to 100%
700 mA
85°C
Up to 60%
1400 mA
85°C
Up to 3%
For a more typical ambient temperature distribution of TA ≤ 70°C for ≥ 80% of the operational lifetime and 70°C <
TA ≤ 85% for ≤ 20% of the operational lifetime, see Table 2:
Table 2. ILOAD Example for a More Typical Ambient Temperature Use
ILOAD
AMBIENT TEMPERATURE
PERCENT OPERATIONAL LIFETIME
100 mA
70°C < TA ≤ 85°C for ≤ 20% of time
Up to 100%
TA ≤ 70°C for ≥ 80% of time
850 mA
70°C < TA ≤ 85°C for ≤ 20% of time
Up to 60%
TA ≤ 70°C for ≥ 80% of time
1400 mA
70°C < TA ≤ 85°C for ≤ 20% of time
Up to 3%
TA ≤ 70°C for ≥ 80% of time
7.3.6 High-Capacitance Load and Line Transient Performance
The LM3281 is internally compensated to drive loads with large bypass capacitance, including transceiver
modules, without sacrificing transient performance. Please reference Total Effective Output Capacitance (COUT +
CLOAD1 + CLOAD2) regarding output capacitance requirements.
7.3.7 Soft Start
During start-up a soft-start feature prevents high input current which could cause supply voltage bus drops and
interfere with other subsystems sharing the supply bus. Soft start is especially valuable in applications where
large load capacitance must be charged on start-up. Loading of the output during start-up condition will extend
the soft-start time. Excessive loading may even prevent the output from reaching the target voltage, and the
device may therefore stay in the soft-start condition indefinitely.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3281


同様の部品番号 - LM3281_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3281YFQR TI1-LM3281YFQR Datasheet
1Mb / 26P
[Old version datasheet]   3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
More results

同様の説明 - LM3281_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3281 TI1-LM3281 Datasheet
1Mb / 26P
[Old version datasheet]   3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
logo
Allegro MicroSystems
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Sanken electric
BR301 SANKEN-BR301 Datasheet
346Kb / 10P
   3.3 V, 1 A Non-Isolated Step Down DC/DC Converter Module
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com