データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3643AYFFR データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3643AYFFR
部品情報  Synchronous Boost Dual LED Flash Driver with 1.5-A High-Side Current Sources
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM3643AYFFR データシート(HTML) 6 Page - Texas Instruments

Back Button LM3643AYFFR Datasheet HTML 2Page - Texas Instruments LM3643AYFFR Datasheet HTML 3Page - Texas Instruments LM3643AYFFR Datasheet HTML 4Page - Texas Instruments LM3643AYFFR Datasheet HTML 5Page - Texas Instruments LM3643AYFFR Datasheet HTML 6Page - Texas Instruments LM3643AYFFR Datasheet HTML 7Page - Texas Instruments LM3643AYFFR Datasheet HTML 8Page - Texas Instruments LM3643AYFFR Datasheet HTML 9Page - Texas Instruments LM3643AYFFR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
LED1 Code (dec#)
0
16
32
48
64
80
96
112
128
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
D015
TA = -40°C
TA = +25°C
TA = +85°C
LED2 Code (dec#)
0
16
32
48
64
80
96
112
128
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
D016
TA = -40°C
TA = +25°C
TA = +85°C
LED1 Code (dec#)
0
16
32
48
64
80
96
112
128
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
D001
TA = -40°C
TA = +25°C
TA = +85°C
LED2 Code (dec#)
0
16
32
48
64
80
96
112
128
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
D002
TA = -40°C
TA = +25°C
TA = +85°C
SCL
SDA_IN
SDA_OUT
t 5
t 1
t 4
t 3
t
2
LM3643, LM3643A
SNVS967A – AUGUST 2014 – REVISED NOVEMBER 2014
www.ti.com
Figure 1. I2C-Compatible Interface Specifications
8.8 Typical Characteristics
Ambient temperature is 25°C, input voltage is 3.6 V, HWEN = VIN, CIN = COUT = 2 × 10 µF and L = 1 µH, unless otherwise
noted .
Figure 2. LED1 Flash Current vs Brightness Code
Figure 3. LED2 Flash Current vs Brightness Code
Figure 4. LED1 Torch Current vs Brightness Code
Figure 5. LED2 Torch Current vs Brightness Code
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM3643 LM3643A


同様の部品番号 - LM3643AYFFR

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3641 NSC-LM3641 Datasheet
304Kb / 16P
   Lithium-Ion Battery Pack Protection Circuit
January 1999
LM3641M NSC-LM3641M Datasheet
304Kb / 16P
   Lithium-Ion Battery Pack Protection Circuit
January 1999
logo
Texas Instruments
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3642TLE TI1-LM3642TLE Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
LM3642TLE-LT TI1-LM3642TLE-LT Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
More results

同様の説明 - LM3643AYFFR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
[Old version datasheet]   Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM3559 TI1-LM3559 Datasheet
2Mb / 42P
[Old version datasheet]   LM3559 Synchronous Boost Flash Driver with Dual 900 mA High Side Current Sources (1.8A Total Flash Current)
LM3560 TI1-LM3560 Datasheet
3Mb / 42P
[Old version datasheet]   LM3560 Synchronous Boost Flash Driver w/ Dual 1A High-Side Current Sources (2A Total Flash Current)
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM36011 TI1-LM36011 Datasheet
1,002Kb / 26P
[Old version datasheet]   Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM3646 TI1-LM3646 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost Converter with Dual High-Side Current Sources and I2CCompatible Interface
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
   Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com