データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC2306 データシート(PDF) 11 Page - Unisonic Technologies

部品番号 UC2306
部品情報  MICROPOWER DC/DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC2306 データシート(HTML) 11 Page - Unisonic Technologies

Back Button UC2306_15 Datasheet HTML 4Page - Unisonic Technologies UC2306_15 Datasheet HTML 5Page - Unisonic Technologies UC2306_15 Datasheet HTML 6Page - Unisonic Technologies UC2306_15 Datasheet HTML 7Page - Unisonic Technologies UC2306_15 Datasheet HTML 8Page - Unisonic Technologies UC2306_15 Datasheet HTML 9Page - Unisonic Technologies UC2306_15 Datasheet HTML 10Page - Unisonic Technologies UC2306_15 Datasheet HTML 11Page - Unisonic Technologies UC2306_15 Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
UC2306
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 12
www.unisonic.com.tw
QW-R103-029.C
TYPICAL CHARACTERISTICS(Cont.)
0
200
300
400
500
1.2
0
0.2
0.4
0.6
100
0.8
1.0
1.2
Switch Saturation Voltage
Switch Current (A)
TA =25°C
-50
0.8
0.9
1.0
1.1
100
0.6
-25
0
25
0.7
50
75
Peak Switch Current Limit
Temperature(°C)
1.3
6
-50
2
3
4
5
100
0
-25
0
25
1
50
75
Temperature(°C)
7
On-and Off-times
8
Maximum On-
Time
Off-Time
1.240
-50
1.220
1.225
1.230
1.235
100
1.210
-25
0
25
1.215
50
75
1.245
1.250
Temperature(°C)
Feedback Voltage
1.205
1.200
16
-50
8
10
12
14
100
4
-25
0
25
6
50
75
18
20
Temperature(°C)
Feedback Pin Bias Current
2
0
0
150
200
250
300
6
50
12
3
100
45
Input Voltage (V)
Supply Current
0
78
VSHDN=VN
NOT SWITCHING
VSHDN= 0 V
TA =25°C


同様の部品番号 - UC2306_15

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UC2306-XX-D08-T UTC-UC2306-XX-D08-T Datasheet
506Kb / 12P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
UC2306-XX-S08-R UTC-UC2306-XX-S08-R Datasheet
506Kb / 12P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
UC2306-XX-S08-T UTC-UC2306-XX-S08-T Datasheet
506Kb / 12P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
UC2306L-XX-D08-T UTC-UC2306L-XX-D08-T Datasheet
506Kb / 12P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
UC2306L-XX-S08-R UTC-UC2306L-XX-S08-R Datasheet
506Kb / 12P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
More results

同様の説明 - UC2306_15

メーカー部品番号データシート部品情報
logo
Linear Technology
LT1317B LINER-LT1317B_15 Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
logo
Linear Integrated Syste...
LT1615IS5-1 LINEAR-LT1615IS5-1 Datasheet
148Kb / 8P
   Micropower Step-Up DC/DC Converters
logo
Linear Technology
LT1317 LINER-LT1317 Datasheet
447Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1317 LINER-LT1317_15 Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LTC1751-3.3 LINER-LTC1751-3.3_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751-5 LINER-LTC1751-5_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LT3483 LINER-LT3483_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
LT3483A LINER-LT3483A_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
LTC1751 LINER-LTC1751_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
logo
ams AG
AS1322 AMSCO-AS1322_1 Datasheet
740Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com