データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD17577Q5A データシート(PDF) 1 Page - Texas Instruments

部品番号 CSD17577Q5A
部品情報  CSD17577Q5A 30-V N-Channel NexFET Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CSD17577Q5A データシート(HTML) 1 Page - Texas Instruments

  CSD17577Q5A_15 Datasheet HTML 1Page - Texas Instruments CSD17577Q5A_15 Datasheet HTML 2Page - Texas Instruments CSD17577Q5A_15 Datasheet HTML 3Page - Texas Instruments CSD17577Q5A_15 Datasheet HTML 4Page - Texas Instruments CSD17577Q5A_15 Datasheet HTML 5Page - Texas Instruments CSD17577Q5A_15 Datasheet HTML 6Page - Texas Instruments CSD17577Q5A_15 Datasheet HTML 7Page - Texas Instruments CSD17577Q5A_15 Datasheet HTML 8Page - Texas Instruments CSD17577Q5A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
0
2
4
6
8
10
12
14
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C,I D = 16A
TC = 125°C,I D = 16A
G001
0
1
2
3
4
5
6
7
8
9
10
0
3
6
9
12
15
18
21
24
27
Qg - Gate Charge (nC)
ID = 18A
VDS = 15V
G001
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0093-01
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD17577Q5A
SLPS516 – AUGUST 2014
CSD17577Q5A 30-V N-Channel NexFET™ Power MOSFET
1 Features
Product Summary
1
Low Qg and Qgd
TA = 25°C
TYPICAL VALUE
UNIT
Low Thermal Resistance
VDS
Drain-to-Source Voltage
30
V
Avalanche Rated
Qg
Gate Charge Total (4.5 V)
13
nC
Qgd
Gate Charge Gate-to-Drain
2.8
nC
Pb Free Terminal Plating
VGS = 4.5 V
4.8
m
RoHS Compliant
RDS(on)
Drain-to-Source On-Resistance
VGS = 10 V
3.5
m
Halogen Free
VGS(th)
Threshold Voltage
1.4
V
SON 5 mm × 6 mm Plastic Package
Ordering Information(1)
2 Applications
Device
Qty
Media
Package
Ship
Point of Load Synchronous Buck in Networking,
CSD17577Q5A
2500
13-Inch Reel
SON 5 × 6 mm
Tape and
Telecom, and Computing Systems
Plastic Package
Reel
CSD17577Q5AT
250
7-Inch Reel
Optimized for Control, and Sync FET Applications
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
3 Description
Absolute Maximum Ratings
This 30 V, 3.5 m
Ω, SON 5 mm × 6 mm NexFET™
power MOSFET is designed to minimize resistance in
TA = 25°C
VALUE
UNIT
power conversion applications.
VDS
Drain-to-Source Voltage
30
V
VGS
Gate-to-Source Voltage
±20
V
Top Icon
Continuous Drain Current (Package limited)
60
Continuous Drain Current (Silicon limited),
ID
83
A
TC = 25°C
Continuous Drain Current (1)
22
IDM
Pulsed Drain Current (2)
280
A
Power Dissipation(1)
3
PD
W
Power Dissipation, TC = 25°C
53
TJ,
Operating Junction and
–55 to 150
°C
Tstg
Storage Temperature Range
Avalanche Energy, single pulse
EAS
39
mJ
ID = 28, L = 0.1 mH, RG = 25 Ω
(1) Typical RθJA = 40°C/W on a 1-inch
2 , 2-oz. Cu pad on a
.
0.06-inch thick FR4 PCB.
.
(2) Max RθJC = 2.8°C/W, pulse duration ≤100 μs, duty cycle ≤1%
RDS(on) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


同様の部品番号 - CSD17577Q5A_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD17577Q5A TI1-CSD17577Q5A_16 Datasheet
373Kb / 13P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
More results

同様の説明 - CSD17577Q5A_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
CSD17556Q5B TI1-CSD17556Q5B_16 Datasheet
843Kb / 13P
[Old version datasheet]   30 V N-Channel NexFET Power MOSFET
CSD17318Q2 TI1-CSD17318Q2 Datasheet
344Kb / 13P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFET
CSD17570Q5B TI1-CSD17570Q5B_16 Datasheet
647Kb / 13P
[Old version datasheet]   30 V N-Channel NexFET Power MOSFET
CSD17507Q5A TI1-CSD17507Q5A Datasheet
415Kb / 14P
[Old version datasheet]   CSD17507Q5A 30-V N-Channel NexFET??Power MOSFET
CSD17570Q5B TI-CSD17570Q5B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD17570Q5B 30 V N-Channel NexFET Power MOSFET
CSD17577Q3A TI-CSD17577Q3A_15 Datasheet
862Kb / 15P
[Old version datasheet]   CSD17577Q3A 30-V N-Channel NexFET Power MOSFET
CSD17575Q3 TI-CSD17575Q3_15 Datasheet
961Kb / 15P
[Old version datasheet]   CSD17575Q3 30-V N-Channel NexFET Power MOSFET
CSD17551Q3A TI-CSD17551Q3A Datasheet
1Mb / 12P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
CSD87503Q3E TI1-CSD87503Q3E Datasheet
485Kb / 12P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com