データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD17578Q5A データシート(PDF) 3 Page - Texas Instruments

部品番号 CSD17578Q5A
部品情報  CSD17578Q5A 30 V N-Channel NexFET Power MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CSD17578Q5A データシート(HTML) 3 Page - Texas Instruments

  CSD17578Q5A_15 Datasheet HTML 1Page - Texas Instruments CSD17578Q5A_15 Datasheet HTML 2Page - Texas Instruments CSD17578Q5A_15 Datasheet HTML 3Page - Texas Instruments CSD17578Q5A_15 Datasheet HTML 4Page - Texas Instruments CSD17578Q5A_15 Datasheet HTML 5Page - Texas Instruments CSD17578Q5A_15 Datasheet HTML 6Page - Texas Instruments CSD17578Q5A_15 Datasheet HTML 7Page - Texas Instruments CSD17578Q5A_15 Datasheet HTML 8Page - Texas Instruments CSD17578Q5A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CSD17578Q5A
www.ti.com
SLPS526 – MARCH 2015
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0 V, ID = 250 μA
30
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 24 V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, ID = 250 μA
1.1
1.5
1.9
V
VGS = 4.5 V, ID = 10 A
7.9
9.3
m
RDS(on)
Drain-to-Source On-Resistance
VGS = 10 V, ID = 10 A
5.9
6.9
m
gƒs
Transconductance
VDS = 3 V, ID = 10 A
44
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
1170
1510
pF
Coss
Output Capacitance
VGS = 0 V, VDS = 15 V, ƒ = 1 MHz
136
177
pF
Crss
Reverse Transfer Capacitance
58
75
pF
RG
Series Gate Resistance
1.8
3.6
Qg
Gate Charge Total (4.5 V)
7.9
10.3
nC
Qg
Gate Charge Total (10 V)
17.2
22.3
nC
Qgd
Gate Charge Gate-to-Drain
VDS = 15 V, ID = 10 A
2.0
nC
Qgs
Gate Charge Gate-to-Source
3.1
nC
Qg(th)
Gate Charge at Vth
1.7
nC
Qoss
Output Charge
VDS = 15 V, VGS = 0 V
4.2
nC
td(on)
Turn On Delay Time
4
ns
tr
Rise Time
22
ns
VDS = 15 V, VGS = 10 V,
IDS = 10 A, RG = 0 Ω
td(off)
Turn Off Delay Time
17
ns
tƒ
Fall Time
2
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
ISD = 10 A, VGS = 0 V
0.8
1.0
V
Qrr
Reverse Recovery Charge
6.5
nC
VDS= 15 V, IF = 10 A,
di/dt = 300 A/
μs
trr
Reverse Recovery Time
6.8
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-Case Thermal Resistance (1)
3.8
°C/W
RθJA
Junction-to-Ambient Thermal Resistance(1)(2)
50
(1)
RθJC is determined with the device mounted on a 1 inch
2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu pad on a 1.5 inch × 1.5 inch (3.81 cm ×
3.81 cm), 0.06 inch (1.52 mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board design.
(2)
Device mounted on FR4 material with 1 inch2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD17578Q5A


同様の部品番号 - CSD17578Q5A_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD17578Q5A TI1-CSD17578Q5A_16 Datasheet
354Kb / 13P
[Old version datasheet]   30V N-Channel NexFET Power MOSFETs
More results

同様の説明 - CSD17578Q5A_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD17551Q3A TI-CSD17551Q3A Datasheet
1Mb / 12P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
CSD87503Q3E TI1-CSD87503Q3E Datasheet
485Kb / 12P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
CSD17381F4 TI-CSD17381F4 Datasheet
1Mb / 11P
[Old version datasheet]   30-V, N-Channel NexFET??Power MOSFETs
CSD17552Q5A TI-CSD17552Q5A Datasheet
737Kb / 11P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
CSD17581Q3A TI1-CSD17581Q3A Datasheet
380Kb / 13P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
CSD17308Q3 TI1-CSD17308Q3_15 Datasheet
412Kb / 13P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
CSD87313DMS TI1-CSD87313DMS Datasheet
1Mb / 16P
[Old version datasheet]   30-V Dual N-Channel NexFET Power MOSFETs
CSD17573Q5B TI-CSD17573Q5B_15 Datasheet
973Kb / 15P
[Old version datasheet]   CSD17573Q5B 30 V N-Channel NexFET Power MOSFETs
CSD17578Q3A TI-CSD17578Q3A_15 Datasheet
955Kb / 15P
[Old version datasheet]   CSD17578Q3A 30 V N-Channel NexFET Power MOSFETs
CSD17579Q5A TI-CSD17579Q5A_15 Datasheet
861Kb / 15P
[Old version datasheet]   CSD17579Q5A 30 V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com