データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSE2002GB2A1 データシート(PDF) 8 Page - Integrated Device Technology

部品番号 TSE2002GB2A1
部品情報  Accurate timeout support
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

TSE2002GB2A1 データシート(HTML) 8 Page - Integrated Device Technology

Back Button TSE2002GB2A1 Datasheet HTML 4Page - Integrated Device Technology TSE2002GB2A1 Datasheet HTML 5Page - Integrated Device Technology TSE2002GB2A1 Datasheet HTML 6Page - Integrated Device Technology TSE2002GB2A1 Datasheet HTML 7Page - Integrated Device Technology TSE2002GB2A1 Datasheet HTML 8Page - Integrated Device Technology TSE2002GB2A1 Datasheet HTML 9Page - Integrated Device Technology TSE2002GB2A1 Datasheet HTML 10Page - Integrated Device Technology TSE2002GB2A1 Datasheet HTML 11Page - Integrated Device Technology TSE2002GB2A1 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8 of 30
July 17, 2012
Pin Assignment
Pin Description
Pin Functional Descriptions
Serial Clock (SCL)
This input signal is used to strobe all data in and out of the device. In applications where this signal is used by slave devices to synchronize the bus
to a slower clock, the bus master must have an open drain output, and a pull-up resistor can be connected from Serial Clock (SCL) to VDDSPD. (refer
to the Maximum RL Value vs. Bus Capacitance figure on how the value of the pull-up resistor can be calculated). In most applications, though, this
method of synchronization is not employed, and so the pull-up resistor is not necessary, provided that the bus master has a push-pull (rather than
open drain) output.
Serial Data (SDA)
This bi-directional signal is used to transfer data in or out of the device. It is an open drain output that may be wire-ORed with other open drain or
open collector signals on the bus. A pull up resistor must be connected from Serial Data (SDA) to the most positive VDDSPD in the I2C chain. (refer to
the Maximum RL Value vs. Bus Capacitance figure on how the value of the pull-up resistor can be calculated).
Pin #
Pin Name
Definition
1
SA0
Select Address 0
2
SA1
Select Address 1
3
SA2
Select Address 2
4VSSSPD
Ground
5SDA
Serial Data In
6
SCL
Serial Clock In
7
EVENT
Temperature Event Out
8VDDSPD
Supply Voltage
STBY
6
5
EVENT
VSSSPD
8
7
3
4
1
2
SA0
SA2
SDA
SA1
VDDSPD
SCL


同様の部品番号 - TSE2002GB2A1

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
TSE2002GB2A1 RENESAS-TSE2002GB2A1 Datasheet
540Kb / 31P
   Temperature Sensor with Integrated EEPROM for Memory Integrated EEPROM for Memory
July 17, 2012
More results

同様の説明 - TSE2002GB2A1

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
TSE2004GB2B0 IDT-TSE2004GB2B0 Datasheet
1Mb / 31P
   Accurate timeout support
logo
Analog Devices
ADT7302 AD-ADT7302_17 Datasheet
280Kb / 17P
   Accurate, Micropower Digital Accurate, Micropower Digital
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
logo
AVX Corporation
NJ28MA0502M AVX-NJ28MA0502M Datasheet
401Kb / 10P
   NTC Accurate Thermistors
logo
ams AG
AS5171 AMSCO-AS5171 Datasheet
837Kb / 42P
   Accurate angle measurement
logo
Torex Semiconductor
XC6130 TOREX-XC6130 Datasheet
501Kb / 30P
   Watchdog Timeout Period Externally Adjustable Voltage Detector
logo
National Semiconductor ...
LM3551 NSC-LM3551_06 Datasheet
752Kb / 15P
   1A White LED Driver with Flash Timeout Protection
logo
Texas Instruments
LM3551 TI1-LM3551_14 Datasheet
1Mb / 23P
[Old version datasheet]   1A White LED Driver with Flash Timeout Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com