データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1301120039 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 1301120039
部品情報  End Cap Replacement Part Assembly for 1080H
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301120039 データシート(HTML) 1 Page - Molex Electronics Ltd.

  1301120039 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301120039
Status:
Active
Overview:
Lighting Accessories
Description:
End Cap Replacement Part Assembly for 1080H
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Portable Lighting
Series
130112
NEMA Configuration
N/A
Outlet
None
Overview
Lighting Accessories
Product Name
Woodhead®
Type
Accessory
UPC
78678811230
Woodhead
Yes
Physical
Cord Length - Primary
N/A
Cord Length - Secondary
N/A
Depth
N/A
Duty
N/A
Guard Included
No
Guard Type
N/A
Height
N/A
Length
N/A
Material - Guard
N/A
Packaging Type
Carton
Socket Construction
N/A
Electrical
Bulb Type
N/A
Lamp Type
N/A
Lamp Wattage - Maximum
N/A
Lumens
N/A
On/Off Switch
No
Voltage (Fixture) - Maximum
N/A
Material Info
Old Part Number
40-9451
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Relevant
Search Parts in this Series
130112 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - 1301120039

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1301120032 MOLEX11-1301120032 Datasheet
43Kb / 1P
   Replacement Cover Glass for Watertite Enclosed Wide Area Light
1301120038 MOLEX11-1301120038 Datasheet
43Kb / 1P
   Replacement Guard Ring for Pro-Yellow 20W Halogen Magnet Mount Machine Light - 8540M
More results

同様の説明 - 1301120039

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
130112-0039 MOLEX11-130112-0039 Datasheet
31Kb / 1P
   End Cap Replacement Part Assembly for 1080H
logo
PHOENIX CONTACT
2700148 PHOENIX-2700148 Datasheet
50Kb / 2P
   Black end cover (replacement part)
2741561 PHOENIX-2741561 Datasheet
42Kb / 2P
   End cover, for EMS mounting part
1208416 PHOENIX-1208416 Datasheet
46Kb / 2P
   Replacement part - CUTFOX 10 BAR
logo
Molex Electronics Ltd.
130112-0196 MOLEX11-130112-0196 Datasheet
31Kb / 1P
   Wire Lamp Guard Replacement Part for 8575-MH
logo
Pepperl+Fuchs Inc.
POWERBUS-CAP PF-POWERBUS-CAP Datasheet
341Kb / 2P
   End Cap for Power Bus
UPR-E PF-UPR-E Datasheet
609Kb / 2P
   End Cap for Universal Power Rail
2021-04-08
logo
PHOENIX CONTACT
1207734 PHOENIX-1207734 Datasheet
45Kb / 2P
   Replacement part - CF 3000 CG 0,75
1207763 PHOENIX-1207763 Datasheet
45Kb / 2P
   Replacement part - CF 3000 CG 2,5
1207721 PHOENIX-1207721 Datasheet
44Kb / 2P
   Replacement part - CF 3000 CG 0,5
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com