データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMC1100 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 AMC1100
部品情報  AMC1100 Fully-Differential Isolation Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

AMC1100 データシート(HTML) 4 Page - Texas Instruments

  AMC1100 Datasheet HTML 1Page - Texas Instruments AMC1100 Datasheet HTML 2Page - Texas Instruments AMC1100 Datasheet HTML 3Page - Texas Instruments AMC1100 Datasheet HTML 4Page - Texas Instruments AMC1100 Datasheet HTML 5Page - Texas Instruments AMC1100 Datasheet HTML 6Page - Texas Instruments AMC1100 Datasheet HTML 7Page - Texas Instruments AMC1100 Datasheet HTML 8Page - Texas Instruments AMC1100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
AMC1100
SBAS562A – APRIL 2012 – REVISED DECEMBER 2014
www.ti.com
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TA
Operating ambient temperature range
–40
105
°C
VDD1
High-side power supply
4.5
5.0
5.5
V
VDD2
Low-side power supply
2.7
5.0
5.5
V
6.4 Thermal Information
AMC1100
THERMAL METRIC(1)
DUB (SOP)
DWV (SOIC)
UNIT
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
75.1
102.8
RθJC(top)
Junction-to-case (top) thermal resistance
61.6
49.8
RθJB
Junction-to-board thermal resistance
39.8
56.6
°C/W
ψJT
Junction-to-top characterization parameter
27.2
16.0
ψJB
Junction-to-board characterization parameter
39.4
55.2
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Regulatory Information
VDE AND IEC
UL
CSA
Recognized under 1577 component
Recognized under CSA component
Certified according to IEC 60747-5-2
recognition program
acceptance NO 5 program
File number: 40016131
File number: E181974
File number: pending
6.6 IEC 60747-5-2 Insulation Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VALUE
UNIT
VIORM
Maximum working insulation voltage
1200
VPEAK
Qualification test: after input/output safety test subgroup
1140
VPEAK
2/3 VPR = VIORM × 1.2, t = 10 s, partial discharge < 5 pC
Qualification test: method A, after environmental tests
VPR
Input-to-output test voltage
subgroup 1, VPR = VIORM × 1.6, t = 10 s, partial discharge
1920
VPEAK
< 5 pC
100% production test: method B1, VPR = VIORM × 1.875,
2250
VPEAK
t = 1 s, partial discharge < 5 pC
VIOTM
Transient overvoltage
Qualification test: t = 60 s
4250
VPEAK
Qualification test: VTEST = VISO, t = 60 s
4250
VPEAK
VISO
Insulation voltage per UL
100% production test: VTEST = 1.2 x VISO, t = 1 s
5100
VPEAK
RS
Insulation resistance
VIO = 500 V
> 109
Ω
PD
Pollution degree
2
°
4
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: AMC1100


同様の部品番号 - AMC1100

メーカー部品番号データシート部品情報
logo
Texas Instruments
AMC1100 TI-AMC1100 Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
AMC1100DUB TI-AMC1100DUB Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
AMC1100DUBR TI-AMC1100DUBR Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
More results

同様の説明 - AMC1100

メーカー部品番号データシート部品情報
logo
Texas Instruments
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200-Q1 TI1-AMC1200-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200 TI-AMC1200_15 Datasheet
1Mb / 31P
[Old version datasheet]   AMC1200/B Fully-Differential Isolation Amplifier
AMC1100 TI-AMC1100 Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com