データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3251D2 データシート(PDF) 10 Page - Texas Instruments

部品番号 TPA3251D2
部品情報  TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA3251D2 データシート(HTML) 10 Page - Texas Instruments

Back Button TPA3251D2_15 Datasheet HTML 6Page - Texas Instruments TPA3251D2_15 Datasheet HTML 7Page - Texas Instruments TPA3251D2_15 Datasheet HTML 8Page - Texas Instruments TPA3251D2_15 Datasheet HTML 9Page - Texas Instruments TPA3251D2_15 Datasheet HTML 10Page - Texas Instruments TPA3251D2_15 Datasheet HTML 11Page - Texas Instruments TPA3251D2_15 Datasheet HTML 12Page - Texas Instruments TPA3251D2_15 Datasheet HTML 13Page - Texas Instruments TPA3251D2_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
PVDD - Supply Voltage - V
10
15
20
25
30
35
40
0
20
40
60
80
100
120
140
160
180
200
220
D005
THD+N = 1%
TC = 75qC
3:
4:
8:
2 Channel Output Power - W
1
10
100
10m
100m
1
10
100
500
D006
TC = 75qC
3:
4:
8:
Po - Output Power - W
0.001
0.01
0.1
1
10
10m
100m
1
10
100
300
D003
TC = 75qC
3:
4:
8:
PVDD - Supply Voltage - V
10
15
20
25
30
35
40
0
20
40
60
80
100
120
140
160
180
200
220
240
260
D004
THD+N = 10%
TC = 75qC
3:
4:
8:
f - Frequency - Hz
0.0003
0.001
0.01
0.1
1
10
20
20k
100
1k
10k
D001
TC = 75GC
1W
20W
75W
f - Frequency - Hz
0.001
0.01
0.1
1
10
20
40k
100
1k
10k
D002
TC = 75GC
1W
20W
75W
TPA3251D2
SLASE40C – JUNE 2015 – REVISED JUNE 2015
www.ti.com
7.9 Typical Characteristics, BTL Configuration
All Measurements taken at audio frequency = 1 kHz, PVDD_X = 36 V, GVDD_X = 12 V, RL = 4 Ω, fS = 600 kHz, ROC = 22 kΩ,
TC = 75°C, Output Filter: LDEM = 10 μH, CDEM = 1 µF, mode = 00, AES17 + AUX-0025 measurement filters,unless otherwise
noted.
RL = 4 Ω
P = 1W, 20W, 75W
TC = 75°C
RL = 4 Ω
P = 1W, 20W, 75W
TC = 75°C
AUX-0025 filter, 80 kHz analyzer BW
Figure 1. Total Harmonic Distortion+Noise vs Frequency
Figure 2. Total Harmonic Distortion+Noise vs Frequency
RL = 3 Ω, 4 Ω, 8 Ω
THD+N = 10%
TC = 75°C
RL = 3 Ω, 4 Ω, 8 Ω
TC = 75°C
Figure 4. Output Power vs Supply Voltage
Figure 3. Total Harmonic Distortion + Noise vs Output
Power
RL = 3 Ω, 4 Ω, 8 Ω
THD+N = 1%
TC = 75°C
RL = 3 Ω, 4 Ω, 8 Ω
THD+N = 10%
TC = 75°C
Figure 5. Output Power vs Supply Voltage
Figure 6. System Efficiency vs Output Power
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPA3251D2


同様の部品番号 - TPA3251D2_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3251D2DDV TI1-TPA3251D2DDV Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2DDV TI1-TPA3251D2DDV Datasheet
1Mb / 39P
[Old version datasheet]   350W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2DDVR TI1-TPA3251D2DDVR Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2DDVR TI1-TPA3251D2DDVR Datasheet
1Mb / 39P
[Old version datasheet]   350W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
More results

同様の説明 - TPA3251D2_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TAS3251 TI1-TAS3251 Datasheet
1Mb / 123P
[Old version datasheet]   175-W Stereo, 350-W Mono Ultra-HD Digital-Input Class-D Amplifier with Advanced DSP Processing
TPA3255 TI-TPA3255_V01 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3255 315-W Stereo, 600-W Mono PurePath??Ultra-HD Analog-Input
TAS3251 TI-TAS3251_V01 Datasheet
2Mb / 122P
[Old version datasheet]   TAS3251 175-W Stereo, 350-W Mono Ultra-HD Digital-Input Class-D Amplifier with Advanced DSP Processing
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
[Old version datasheet]   100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3251 TI1-TPA3251 Datasheet
1Mb / 39P
[Old version datasheet]   350W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630BPHDR TI1-TAS5630BPHDR Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com