データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA22003G-TB9-T データシート(PDF) 1 Page - Unisonic Technologies

部品番号 TDA22003G-TB9-T
部品情報  10W STEREO AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA22003G-TB9-T データシート(HTML) 1 Page - Unisonic Technologies

  TDA22003G-TB9-T Datasheet HTML 1Page - Unisonic Technologies TDA22003G-TB9-T Datasheet HTML 2Page - Unisonic Technologies TDA22003G-TB9-T Datasheet HTML 3Page - Unisonic Technologies TDA22003G-TB9-T Datasheet HTML 4Page - Unisonic Technologies TDA22003G-TB9-T Datasheet HTML 5Page - Unisonic Technologies TDA22003G-TB9-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TDA22003
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R107-062.C
10 +10W STEREO AMPLIFIER
DESCRIPTION
The UTC TDA22003 is a class AB stereo audio power amplifier
that contains two identical amplifiers capable of delivering 10W per
channel. It is designed for quality Hi-Fi stereo applications and is
easily constructed and with minimum need of external components.
FEATURES
* Supply range 8V ~ 28V
* High power outputs (10W/Channel)
* High output current up to 3.5A
* Short circuit protection
* Thermal protection
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
TDA22003L-TB9-T
TDA22003G-TB9-T
TO-220Z9
Tube
MARKING


同様の部品番号 - TDA22003G-TB9-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
TDA22003 UTC-TDA22003 Datasheet
215Kb / 7P
   10 10W STEREO AMPLIFIER
More results

同様の説明 - TDA22003G-TB9-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
PA2009 UTC-PA2009_15 Datasheet
201Kb / 4P
   10W STEREO AMPLIFIER
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
   10W 10W Stereo Class-D Amplifier
logo
Unisonic Technologies
TDA2009 UTC-TDA2009 Datasheet
123Kb / 6P
   10 10W STEREO AMPLIFIER
logo
STMicroelectronics
TDA-2009A STMICROELECTRONICS-TDA-2009A Datasheet
575Kb / 12P
   10 10W STEREO AMPLIFIER
logo
Unisonic Technologies
TDA22003 UTC-TDA22003 Datasheet
215Kb / 7P
   10 10W STEREO AMPLIFIER
PA2009 UTC-PA2009 Datasheet
167Kb / 5P
   10 10W STEREO AMPLIFIER
logo
STMicroelectronics
TDA2009A STMICROELECTRONICS-TDA2009A Datasheet
191Kb / 12P
   10 10W STEREO AMPLIFIER
logo
NTE Electronics
NTE7105 NTE-NTE7105 Datasheet
74Kb / 3P
   Integrated Circuit Dual 10W 10W Stereo Amplifier
logo
Princeton Technology Co...
PT2830 PTC-PT2830 Datasheet
231Kb / 5P
   10W Stereo Integrated Audio Amplifier
logo
STMicroelectronics
TDA7269SA STMICROELECTRONICS-TDA7269SA Datasheet
200Kb / 11P
   10W10W STEREO AMPLIFIER WITH MUTE & ST-BY
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com