データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA2025AH データシート(PDF) 3 Page - Unisonic Technologies

部品番号 TEA2025AH
部品情報  STEREO AUDIO AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA2025AH データシート(HTML) 3 Page - Unisonic Technologies

  TEA2025AH Datasheet HTML 1Page - Unisonic Technologies TEA2025AH Datasheet HTML 2Page - Unisonic Technologies TEA2025AH Datasheet HTML 3Page - Unisonic Technologies TEA2025AH Datasheet HTML 4Page - Unisonic Technologies TEA2025AH Datasheet HTML 5Page - Unisonic Technologies TEA2025AH Datasheet HTML 6Page - Unisonic Technologies TEA2025AH Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TEA2025AH
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R107-070.a
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VSS
15
V
Peak Output Current
IO (peak)
1.5
A
Junction Temperature
TJ
150
C
Operating Temperature
TOPR
-20 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The device is guaranteed to meet performance specification within 0°C ~70°C operating temperature range
and assured by design from –20°C ~85°C.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance Junction to ambient
θJA
60
°C/W
Thermal Resistance Junction to case
θJC
15
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C, VCC=10V, Stereo, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VSS
3
12
V
Quiescent Current
IQ
40
50
mA
Quiescent Output Voltage
VOUT
5.0
V
Stereo
43
45
47
dB
Voltage Gain
GV
Bridge
49
51
53
Voltage Gain Difference
GV
-1
+1
dB
Input Impedance
RIN
30
k
THD=10%
1.5
W
RL=4
Stereo per channel
f=1kHz, VCC=10V
THD=1%
1
W
THD=10%
4.0
W
Output Power
RL=6
POUT
Bridge, VCC=10V
THD=1%
2
W
Stereo
VCC=10V, RL=4, f=1kHz, POUT=1W
0.5
1.0
Total Harmonic
Distortion
Bridge
THD
VCC=10V, RL=6, POUT=1W
0.5
%
Supply Voltage Rejection
SVR
RG=0,AV=45Db,VRIPPLE=1
FRIPPLE=100Hz
40
46
dB
RG=0
1.5
3
Input Noise Voltage
RG=10k
Vn
AV=200, Bandwidth:20Hz ~ 20kHz
3
6
μV
Cross-Talk
C.T.
RG=10k, f=1kHz,RL=4, POUT=1W
40
55
dB


同様の部品番号 - TEA2025AH

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A Datasheet
272Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025AG-D12-H-T UTC-TEA2025AG-D12-H-T Datasheet
272Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025AG-D12-H-T UTC-TEA2025AG-D12-H-T Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025AL-D12-H-T UTC-TEA2025AL-D12-H-T Datasheet
272Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
More results

同様の説明 - TEA2025AH

メーカー部品番号データシート部品情報
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
   STEREO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TEA2025B TGS-TEA2025B Datasheet
551Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025 UTC-TEA2025_10 Datasheet
204Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025A UTC-TEA2025A Datasheet
272Kb / 7P
   STEREO AUDIO AMPLIFIER
logo
Bookly Micro electronic
TEA2025 BOOKLY-TEA2025 Datasheet
76Kb / 4P
   STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com