データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA2025AHL-D16-T データシート(PDF) 4 Page - Unisonic Technologies

部品番号 TEA2025AHL-D16-T
部品情報  STEREO AUDIO AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA2025AHL-D16-T データシート(HTML) 4 Page - Unisonic Technologies

  TEA2025AHL-D16-T Datasheet HTML 1Page - Unisonic Technologies TEA2025AHL-D16-T Datasheet HTML 2Page - Unisonic Technologies TEA2025AHL-D16-T Datasheet HTML 3Page - Unisonic Technologies TEA2025AHL-D16-T Datasheet HTML 4Page - Unisonic Technologies TEA2025AHL-D16-T Datasheet HTML 5Page - Unisonic Technologies TEA2025AHL-D16-T Datasheet HTML 6Page - Unisonic Technologies TEA2025AHL-D16-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TEA2025AH
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R107-070.a
APPLICATION INFORMATION
Input Capacitor
Input capacitor is PNP type allowing source to be referenced to ground. In this way no input coupling capacitor is
required. However, a series capacitor (0.22 uF)to the input side can be useful in case of noise due to variable
resistor contact.
Bootstrap
The bootstrap connection allows to increase the output swing. The suggested value for the bootstrap capacitors
(100uF) avoids a reduction of the output signal also at low frequencies and low supply voltages.
Voltage Gain Adjust
STEREO MODE (Figure 1)
The voltage gain is determined by on-chip resistors R1 and R2 together with the external RfC1 series connected
between pin 6 (11) and ground. The frequency response is given approximated by:
VOUT
VIN
=
R1
Rf + R2 + 1
JWC1
With Rf=0, C1=100μF, the gain results 46 dB with pole at f=32 Hz.
THE purpose of Rf is to reduce the gain. It is recommended to not reduce it under 36 dB.
C1
Rf
6 (11)
R2
R1
2 (15)
Figure 1
BRIDGE MODE (Figure 2)
The bridge configuration is realized very easily thanks to an internal voltage divider which provides (at pin 1) the
CH 1 output signal after reduction. It is enough to connect pin 6 (inverting input of CH 2) with a capacitor to pin 1 and
to connect to ground the pin 7.
The total gain of the bridge is given by:
and with the suggested values (C1 = C2 = 100 uF, Rf = 0) means: Gv = 52 dB with first pole at f = 32 Hz


同様の部品番号 - TEA2025AHL-D16-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A Datasheet
272Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025AG-D12-H-T UTC-TEA2025AG-D12-H-T Datasheet
272Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025AG-D12-H-T UTC-TEA2025AG-D12-H-T Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025AL-D12-H-T UTC-TEA2025AL-D12-H-T Datasheet
272Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
More results

同様の説明 - TEA2025AHL-D16-T

メーカー部品番号データシート部品情報
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
   STEREO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TEA2025B TGS-TEA2025B Datasheet
551Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025 UTC-TEA2025_10 Datasheet
204Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025A UTC-TEA2025A Datasheet
272Kb / 7P
   STEREO AUDIO AMPLIFIER
logo
Bookly Micro electronic
TEA2025 BOOKLY-TEA2025 Datasheet
76Kb / 4P
   STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com