データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA2025AHL-D16-T データシート(PDF) 1 Page - Unisonic Technologies

部品番号 TEA2025AHL-D16-T
部品情報  STEREO AUDIO AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA2025AHL-D16-T データシート(HTML) 1 Page - Unisonic Technologies

  TEA2025AHL-D16-T Datasheet HTML 1Page - Unisonic Technologies TEA2025AHL-D16-T Datasheet HTML 2Page - Unisonic Technologies TEA2025AHL-D16-T Datasheet HTML 3Page - Unisonic Technologies TEA2025AHL-D16-T Datasheet HTML 4Page - Unisonic Technologies TEA2025AHL-D16-T Datasheet HTML 5Page - Unisonic Technologies TEA2025AHL-D16-T Datasheet HTML 6Page - Unisonic Technologies TEA2025AHL-D16-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO.,LTD.
TEA2025AH
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co.,LTD.
QW-R107-070.a
STEREO AUDIO AMPLIFIER
DESCRIPTION
The UTC TEA2025AH is a monolithic integrated audio
amplifier in a 16-pin plastic dual in line package. It is designed for
portable cassette players and radios.
FEATURES
*Working Voltage down to 3V
*Few External components
*High Channel isolation
*Voltage gain up to 45dB(Adjustable with external resistor)
*Soft clipping
*Internal Thermal protection
DIP-16
ORDERING INFORMATION
Order Number
Lead Free
Halogen Free
Package
Packing
TEA2025AHL-D16-T
TEA2025AHG-D16-T
DIP-16
Tube
MARKING


同様の部品番号 - TEA2025AHL-D16-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A Datasheet
272Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025AG-D12-H-T UTC-TEA2025AG-D12-H-T Datasheet
272Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025AG-D12-H-T UTC-TEA2025AG-D12-H-T Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025AL-D12-H-T UTC-TEA2025AL-D12-H-T Datasheet
272Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
More results

同様の説明 - TEA2025AHL-D16-T

メーカー部品番号データシート部品情報
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
   STEREO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TEA2025B TGS-TEA2025B Datasheet
551Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025 UTC-TEA2025_10 Datasheet
204Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025A UTC-TEA2025A Datasheet
272Kb / 7P
   STEREO AUDIO AMPLIFIER
logo
Bookly Micro electronic
TEA2025 BOOKLY-TEA2025 Datasheet
76Kb / 4P
   STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com