データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF909 データシート(PDF) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

部品番号 BF909
部品情報  N-channel dual gate MOS-FETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
ホームページ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF909 データシート(HTML) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF909_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909_15 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909_15 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NXP Semiconductors
Product specification
N-channel dual gate MOS-FETs
BF909; BF909R
Fig.16 Forward transfer admittance and phase as
a function of frequency; typical values.
VDS = 5 V; VG2 =4V.
ID = 15 mA; Tamb =25 °C.
10 3
MLB948
102
10
1
10 2
10
1
10
10
2
y fs
(mS)
y fs
f (MHz)
fs
fs
(deg)
ϕ
ϕ
Fig.17 Output admittance as a function of
frequency; typical values.
VDS = 5 V; VG2 =4V.
ID = 15 mA; Tamb =25 °C.
handbook, halfpage
10 3
MLB949
102
10
10 1
10
1
10 2
yos
(mS)
f (MHz)
bos
gos
Fig.18 Cross-modulation test set-up.
DUT
VAGC
C1
4.7 nF
R1
10 k
C5
MLD151
C4
4.7 nF
VDS
L1
350 nH
C3
12 pF
2.2
pF
R L
50
50
50
R3
10
VGG
RGEN
V I
R2
4.7 nF
C2
R G1
Rev. 02 - 19 November 2007
8 of 12


同様の部品番号 - BF909_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF909A NXP-BF909A Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF909AR NXP-BF909AR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF909AWR NXP-BF909AWR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF909R PHILIPS-BF909R Datasheet
148Kb / 11P
   N-channel dual gate MOS-FETs
1995 Apr 25
BF909R NXP-BF909R Datasheet
320Kb / 12P
   N-channel dual gate MOS-FETs
Rev. 02-19 November 2007
More results

同様の説明 - BF909_15

メーカー部品番号データシート部品情報
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com