データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF909 データシート(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

部品番号 BF909
部品情報  N-channel dual gate MOS-FETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
ホームページ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF909 データシート(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF909_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NXP Semiconductors
Product specification
N-channel dual gate MOS-FETs
BF909; BF909R
FEATURES
• Specially designed for use at 5 V supply voltage
• High forward transfer admittance
• Short channel transistor with high forward transfer
admittance to input capacitance ratio
• Low noise gain controlled amplifier up to 1 GHz
• Superior cross-modulation performance during AGC.
APPLICATIONS
• VHF and UHF applications with 3 to 7 V supply voltage
such as television tuners and professional
communications equipment.
DESCRIPTION
Enhancement type field-effect transistor in a plastic
microminiature SOT143 or SOT143R package. The
transistor consists of an amplifier MOS-FET with source
and substrate interconnected and an internal bias circuit to
ensure good cross-modulation performance during AGC.
PINNING
CAUTION
The device is supplied in an antistatic package. The
gate-source input must be protected against static
discharge during transport or handling.
PIN
SYMBOL
DESCRIPTION
1
s, b
source
2
d
drain
3g2
gate 2
4g1
gate 1
Fig.1 Simplified outline (SOT143) and symbol.
BF909 marking code:
%M3.
handbook, halfpage
43
2
1
Top view
MAM124
s,b
d
g
1
g
2
Fig.2 Simplified outline (SOT143R) and symbol.
BF909R marking code:
%M4.
handbook, halfpage
Top view
MAM125 - 1
s,b
d
g
1
g
2
34
1
2
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDS
drain-source voltage
−−
7V
ID
drain current
−−
40
mA
Ptot
total power dissipation
−−
200
mW
Tj
operating junction temperature
−−
150
°C
y
fs
forward transfer admittance
36
43
50
mS
Cig1-s
input capacitance at gate 1
3.6
4.3
pF
Crs
reverse transfer capacitance
f = 1 MHz
35
50
fF
F
noise figure
f = 800 MHz
2
2.8
dB
Rev. 02 - 19 November 2007
2 of 12


同様の部品番号 - BF909_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF909A NXP-BF909A Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF909AR NXP-BF909AR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF909AWR NXP-BF909AWR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF909R PHILIPS-BF909R Datasheet
148Kb / 11P
   N-channel dual gate MOS-FETs
1995 Apr 25
BF909R NXP-BF909R Datasheet
320Kb / 12P
   N-channel dual gate MOS-FETs
Rev. 02-19 November 2007
More results

同様の説明 - BF909_15

メーカー部品番号データシート部品情報
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com