データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3A44159 データシート(PDF) 11 Page - Texas Instruments

部品番号 TS3A44159
部品情報  TS3A44159 0.45-廓 Quad SPDT Analog Switch 4-Channel 2:1 Multiplexer ??Demultiplexer With Two Controls
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS3A44159 データシート(HTML) 11 Page - Texas Instruments

Back Button TS3A44159_15 Datasheet HTML 7Page - Texas Instruments TS3A44159_15 Datasheet HTML 8Page - Texas Instruments TS3A44159_15 Datasheet HTML 9Page - Texas Instruments TS3A44159_15 Datasheet HTML 10Page - Texas Instruments TS3A44159_15 Datasheet HTML 11Page - Texas Instruments TS3A44159_15 Datasheet HTML 12Page - Texas Instruments TS3A44159_15 Datasheet HTML 13Page - Texas Instruments TS3A44159_15 Datasheet HTML 14Page - Texas Instruments TS3A44159_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
V
(V)
COM
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
1.65 V
2.3 V
3 V
4.3 V
V
COM (V)
–250
–200
–150
–100
–50
0
50
100
150
200
0 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.5 2.7 3.0 3.3 3.6 3.9 4.2 4.3
1.8 V
2.5 V
3.3 V
4.3 V
V
(V)
COM
0.00
0.10
0.20
0.30
0.40
0.50
0.60
T =
A
25ºC
T =
A
85ºC
T = –40ºC
A
V
(V)
COM
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
T =
A
25ºC
T =
A
85ºC
T = –40ºC
A
V
(V)
COM
0.00
0.50
1.00
1.50
2.00
2.50
T =
A
25ºC
T =
A
85ºC
T = –40ºC
A
V
(V)
COM
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
T =
A
25ºC
T =
A
85ºC
T = –40ºC
A
TS3A44159
www.ti.com
SCDS225B – MARCH 2007 – REVISED JANUARY 2015
6.10 Typical Characteristics
Figure 2. Ron vs VCOM (VCC = 2.3 V)
Figure 1. Ron vs VCOM (VCC = 1.65 V)
Figure 4. Ron vs VCOM (VCC = 4.3 V)
Figure 3. Ron vs VCOM (VCC = 3 V)
Figure 6. Charge Injection (QC) vs VCOM (TA = 25°C)
Figure 5. Ron vs VCOM (All Voltages)
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TS3A44159


同様の部品番号 - TS3A44159_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A44159 TI-TS3A44159_10 Datasheet
994Kb / 30P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI1-TS3A44159_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
More results

同様の説明 - TS3A44159_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A44159 TI-TS3A44159_10 Datasheet
994Kb / 30P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI-TS3A44159_08 Datasheet
1,005Kb / 29P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI1-TS3A44159_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159-DIE TI-TS3A44159-DIE_15 Datasheet
66Kb / 6P
[Old version datasheet]   TS3A44159-DIE Quad SPDT Analog Switch Quad-Channel 2:1 Multiplexer/Demultiplexer With Two Controls
TS3A44159 TI-TS3A44159 Datasheet
966Kb / 29P
[Old version datasheet]   0.45-W QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS5A9411 TI-TS5A9411_09 Datasheet
613Kb / 22P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI-TS5A9411_15 Datasheet
864Kb / 23P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI-TS5A9411 Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI1-TS5A9411_14 Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159_08 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com