データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF992 データシート(PDF) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

部品番号 BF992
部品情報  Silicon N-channel dual gate MOS-FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
ホームページ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF992 データシート(HTML) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF992_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF992_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF992_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF992_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF992_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF992_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF992_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF992_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF992_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NXP Semiconductors
Product specification
Silicon N-channel dual gate MOS-FET
BF992
Fig.3 Output characteristics; typical values.
handbook, halfpage
12
MGE797
010
24
0
8
16
4
12
20
2468
VDS (V)
ID
(mA)
0.1 V
0 V
−0.5 V
−0.6 V
−0.4 V
−0.3 V
−0.2 V
−0.1 V
VG1-S = 0.2 V
VG2-S = 4 V; Tj =25 °C.
Fig.4 Transfer characteristics; typical values.
handbook, halfpage
−11
30
0
10
20
MGE799
0
4 V
3 V
2 V
1 V
0 V
VG2-S = 5 V
VG1-S (V)
ID
(mA)
VDS = 10 V; Tj =25 °C.
Fig.5
Forward transfer admittance as a function
of drain current; typical values.
handbook, halfpage
020
30
0
10
20
MGE798
10
ID (mA)
1 V
5 V
2 V
3 V
4 V
VG2-S = 0 V
|yfs|
(mS)
VDS = 10 V; Tj =25 °C.
Fig.6
Forward transfer admittance as a function
of gate 1-source voltage; typical values.
handbook, halfpage
−11
30
0
10
20
MGE800
0
Yfs
(mS)
4 V
5 V
3 V
2 V
1 V
0 V
VG2-S =
VG1-S (V)
VDS = 10 V; Tj =25 °C.
Rev. 04 - 21 November 2007
5 of 9


同様の部品番号 - BF992_15

メーカー部品番号データシート部品情報
logo
Quanzhou Jinmei Electro...
BF992_2015 JMNIC-BF992_2015 Datasheet
249Kb / 9P
   Silicon N-channel dual gate MOS-FET
More results

同様の説明 - BF992_15

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
3SK298 HITACHI-3SK298 Datasheet
54Kb / 11P
   Silicon N-Channel Dual Gate MOS FET
logo
List of Unclassifed Man...
BF982 ETC-BF982 Datasheet
123Kb / 3P
   SILICON N-CHANNEL DUAL GATE MOS-FET
logo
Hitachi Semiconductor
3SK322 HITACHI-3SK322 Datasheet
90Kb / 12P
   Silicon N-Channel Dual Gate MOS FET
3SK290 HITACHI-3SK290 Datasheet
90Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
3SK194 HITACHI-3SK194 Datasheet
37Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
logo
NXP Semiconductors
BF981 PHILIPS-BF981 Datasheet
27Kb / 1P
   SILICON N-CHANNEL DUAL GATE MOS-FET
December 1990
logo
Renesas Technology Corp
3SK296 RENESAS-3SK296 Datasheet
190Kb / 8P
   Silicon N-Channel Dual Gate MOS FET
3SK297 RENESAS-3SK297 Datasheet
196Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
logo
Hitachi Semiconductor
3SK295 HITACHI-3SK295 Datasheet
51Kb / 10P
   Silicon N-Channel Dual Gate MOS FET
3SK186 HITACHI-3SK186 Datasheet
31Kb / 6P
   Silicon N-Channel Dual Gate MOS FET
3SK297 HITACHI-3SK297 Datasheet
54Kb / 11P
   Silicon N-Channel Dual Gate MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com