データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4735 データシート(PDF) 1 Page - Micro Commercial Components

部品番号 1N4735
部品情報  1.0 Watt Zener Diode 3.3 to 100 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4735 データシート(HTML) 1 Page - Micro Commercial Components

  1N4735 Datasheet HTML 1Page - Micro Commercial Components 1N4735 Datasheet HTML 2Page - Micro Commercial Components 1N4735 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
l Hermetic Glass Package
l Silicon Planar Zener Diodes
l These diodes are also available in the MELF case with type
designation DL4728 thru DL4764.
Mechanical Data
l Case: DO-41 Molded Glass
l Polarity: is indicated by cathode band.
l Weight: 0.378 grams (Approx.)
Maximum Ratings
l Operating Temperature: -55
oC to +150oC
l Storage Temperature: -55
oC to +150oC
l For capacitive load, derate current by 20%
Electrical Characteristics @ 25oC Unless Otherwise Specified
DC Power
Dissipation
Pd
1.0W
TA=100
oC
Peak Forward
Surge Current
IFSM
See Page 2
Thermal
Resistance
100
oC/W
Note 1
Power Derating
from 100
oC
Ptot
10mW/
oC
Note: (1) Valid provided that electrodes at a distance
of 10mm from case are kept at ambient
temperature.
1N4728
THRU
1N4764
1.0 Watt
Zener Diode
3.3 to 100 Volts
A
B
C
D
D
Cathode
Mark
MIN
MAX
MIN
MAX
A
0.166
0.205
4.10
7.60
B
0.080
0.107
2.00
3.60
Diameter
C
0.026
0.034
0.70
0.90
Diameter
D
1.000
-----
25.40
-----
DIMENSIONS
DIM
INCHES
MM
NOTE
DO-41G
www.mccsemi.com
RqJA
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC
Version: 3
2003/01/22


同様の部品番号 - 1N4735

メーカー部品番号データシート部品情報
logo
Surge Components
1N4735 SURGE-1N4735 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Silicon Standard Corp.
1N4735 SSC-1N4735 Datasheet
173Kb / 3P
   Zener Diodes
logo
Nanjing International G...
1N4735 DGNJDZ-1N4735 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Semtech Corporation
1N4735 SEMTECH-1N4735 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
Diotech Company.
1N4735 DIOTECH-1N4735 Datasheet
856Kb / 3P
   1W EPITAXIAL ZENER DIODE
More results

同様の説明 - 1N4735

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
1N3821A MCC-1N3821A Datasheet
108Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N3821A MCC-1N3821A_12 Datasheet
248Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N3821A MCC-1N3821A_11 Datasheet
238Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N4728 MCC-1N4728_11 Datasheet
209Kb / 4P
   1.0 Watt Zener Diode 3.3 to 75 Volts
1N4728A MCC-1N4728A Datasheet
296Kb / 4P
   1.0 Watt Zener Diode 3.3 to 75 Volts
DL4728 MCC-DL4728 Datasheet
84Kb / 2P
   1 Watt Zener Diode 3.3 to 100 Volts
1N4736AP MCC-1N4736AP Datasheet
542Kb / 4P
   1.0 Watt Zener Diode 6.8 to 100 Volts
1N5913B MCC-1N5913B_12 Datasheet
263Kb / 3P
   1.5 Watt Zener Diode 3.3 to 51 Volts
SMAJ5913B MCC-SMAJ5913B_18 Datasheet
446Kb / 5P
   1.5 Watt Zener Diode 3.3 to 4.7 Volts
DL4728A-TP MCC-DL4728A-TP Datasheet
256Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com