データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF998WR データシート(PDF) 9 Page - Quanzhou Jinmei Electronic Co.,Ltd.

部品番号 BF998WR
部品情報  N-channel dual-gate MOS-FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
ホームページ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF998WR データシート(HTML) 9 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF998WR_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_15 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_15 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1997 Sep 05
9
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FET
BF998WR
VDD = 12 V; GS = 3.3 mS; GL = 1 mS.
L1 = L4 = 200 nH; 11 turns 0.5 mm copper wire, without spacing, internal diameter 3 mm.
L2 = 2 cm, silvered 0.8 mm copper wire, 4 mm above ground plane.
L3 = 2 cm, silvered 0.5 mm copper wire, 4 mm above ground plane.
Fig.16 Gain control test circuit at f = 800 MHz.
VAGC
1 nF
1 nF
1 nF
50
input
50
input
1 nF
270
k
360
1.8
k
140
k
100 k
VDD
VDD
1 nF
MGC480
VDD
1 nF
1 nF
L1
L2
C1
2-18 pF
C2
0.5-3.5 pF
C3
0.5-3.5 pF
,,
,,
L3
L4
C4
4-40 pF
,,
Fig.17 Automatic gain control characteristics
measured in circuit of Fig.15.
VDD = 12 V; f = 200 MHz; Tamb =25 °C.
010
0
−50
−40
MGC479
−30
−20
−10
24
6
8
IDSS=
max
typ
min
∆G
tr
(dB)
VAGC(V)
VDD = 12 V; f = 800 MHz; Tamb =25 °C.
Fig.18 Automatic gain control characteristics
measured in circuit of Fig.16.
010
0
−50
−40
MGC478
−30
−20
−10
24
6
8
IDSS=
max
typ
min
∆G
tr
(dB)
VAGC(V)


同様の部品番号 - BF998WR_15

メーカー部品番号データシート部品情報
logo
Quanzhou Jinmei Electro...
BF998WR_2015 JMNIC-BF998WR_2015 Datasheet
82Kb / 12P
   N-channel dual-gate MOS-FET
More results

同様の説明 - BF998WR_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF996S PHILIPS-BF996S Datasheet
35Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
logo
Quanzhou Jinmei Electro...
BF994S_2015 JMNIC-BF994S_2015 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
BF998WR_2015 JMNIC-BF998WR_2015 Datasheet
82Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR JMNIC-BF908WR_15 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF991 NXP-BF991 Datasheet
226Kb / 7P
   N-channel dual-gate MOS-FET
Rev. 03-20 November 2007
BF998WR PHILIPS-BF998WR Datasheet
94Kb / 12P
   N-channel dual-gate MOS-FET
1997 Sep 05
logo
Quanzhou Jinmei Electro...
BF904WR_2015 JMNIC-BF904WR_2015 Datasheet
91Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR_2015 JMNIC-BF908WR_2015 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
BF996S JMNIC-BF996S_15 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF994S PHILIPS-BF994S Datasheet
41Kb / 5P
   N-channel dual-gate MOS-FET
July 1993
BF997 PHILIPS-BF997 Datasheet
31Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com