データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3DV642 データシート(PDF) 2 Page - Texas Instruments

部品番号 TS3DV642
部品情報  TS3DV642 12-Channel 1:2 MUX/DEMUX with 1.8 V Compatible Control and Power-Down Mode
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS3DV642 データシート(HTML) 2 Page - Texas Instruments

  TS3DV642_15 Datasheet HTML 1Page - Texas Instruments TS3DV642_15 Datasheet HTML 2Page - Texas Instruments TS3DV642_15 Datasheet HTML 3Page - Texas Instruments TS3DV642_15 Datasheet HTML 4Page - Texas Instruments TS3DV642_15 Datasheet HTML 5Page - Texas Instruments TS3DV642_15 Datasheet HTML 6Page - Texas Instruments TS3DV642_15 Datasheet HTML 7Page - Texas Instruments TS3DV642_15 Datasheet HTML 8Page - Texas Instruments TS3DV642_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TS3DV642
SCDS343C – MAY 2013 – REVISED NOVEMBER 2014
www.ti.com
Table of Contents
9.1
Overview ................................................................. 13
1
Features .................................................................. 1
9.2
Functional Block Diagram ....................................... 13
2
Applications ........................................................... 1
9.3
Feature Description................................................. 14
3
Description ............................................................. 1
9.4
Device Functional Modes........................................ 15
4
Simplified Schematic............................................. 1
10
Application and Implementation........................ 16
5
Revision History..................................................... 2
10.1
Application Information.......................................... 16
6
Pin Configuration and Functions ......................... 3
10.2
Typical Application ................................................ 16
7
Specifications......................................................... 5
11
Power Supply Recommendations ..................... 20
7.1
Absolute Maximum Ratings ...................................... 5
12
Layout................................................................... 20
7.2
Handling Ratings ...................................................... 5
12.1
Layout Guidelines ................................................. 20
7.3
Recommended Operating Conditions ....................... 5
12.2
Layout Example .................................................... 21
7.4
Thermal Information .................................................. 5
13
Device and Documentation Support ................. 22
7.5
Electrical Characteristics........................................... 6
13.1
Trademarks ........................................................... 22
7.6
Switching Characteristics .......................................... 7
13.2
Electrostatic Discharge Caution ............................ 22
7.7
Dynamic Characteristics ........................................... 7
13.3
Glossary ................................................................ 22
7.8
Typical Characteristics .............................................. 8
14
Mechanical, Packaging, and Orderable
8
Parameter Measurement Information ................ 11
Information ........................................................... 22
9
Detailed Description ............................................ 13
5 Revision History
Changes from Revision B (August 2013) to Revision C
Page
Added Handling Rating table, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section. .............................................................. 1
Deleted row from ABS MAX table: Package thermal impedance .......................................................................................... 5
Added the Handling Ratings table, deleted the Tstg row Absolute Maximum ratings table and added to Handling
Ratings table. ......................................................................................................................................................................... 5
Changes from Revision A (July 2013) to Revision B
Page
Changed Application From: HDMI 1.4/DVI 1.0 Signal Switching To: HDMI 1.4b with support for 4k2k up to 30 Hz ............ 1
Added Application: DVI 1.0 Signal Switching ......................................................................................................................... 1
Changed Application From: DisplayPort 1.2 Signal Switching To: DisplayPort 1.2a Signal Switching.................................. 1
Added Eye Pattern and Time Interval Error Histogram graphics, Figure 10 to Figure 13 ..................................................... 9
2
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TS3DV642


同様の部品番号 - TS3DV642_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3DV642-Q1 TI-TS3DV642-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
TS3DV642A0RUAR TI1-TS3DV642A0RUAR Datasheet
1,019Kb / 17P
[Old version datasheet]   12-Channel 1:2 MUX/DEMUX with1.8V Compatible Control and Power-Down Mode
TS3DV642RUARQ1 TI-TS3DV642RUARQ1 Datasheet
1Mb / 26P
[Old version datasheet]   TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
TS3DV642RUATQ1 TI-TS3DV642RUATQ1 Datasheet
1Mb / 26P
[Old version datasheet]   TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
More results

同様の説明 - TS3DV642_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3DV642 TI1-TS3DV642 Datasheet
1,019Kb / 17P
[Old version datasheet]   12-Channel 1:2 MUX/DEMUX with1.8V Compatible Control and Power-Down Mode
logo
Pericom Semiconductor C...
PI3L720ZHE PERICOM-PI3L720ZHE Datasheet
563Kb / 10P
   2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Power-down Mode
PI5C33X257 PERICOM-PI5C33X257_05 Datasheet
428Kb / 5P
   12-Channel, 2:1 Mux/DeMux Bus Switch
logo
Texas Instruments
TS3DV642-Q1 TI-TS3DV642-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
logo
ON Semiconductor
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
   3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
NCN7200 ONSEMI-NCN7200 Datasheet
123Kb / 10P
   Gigabit Ethernet LAN Switch with 2:1 Mux/ DeMux and Power-down Feature
March, 2011 ??Rev. 2
logo
Texas Instruments
TS3DDR3812 TI-TS3DDR3812 Datasheet
529Kb / 18P
[Old version datasheet]   12-Channel, 1:2 MUX/DEMUX Switch for DDR3 Applications
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
   4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com