データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF1100WR データシート(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

部品番号 BF1100WR
部品情報  Dual-gate MOS-FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
ホームページ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1100WR データシート(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF1100WR_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
1995 Apr 25
3
Philips Semiconductors
Product specification
Dual-gate MOS-FET
BF1100WR
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on a printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
14
V
ID
drain current
30
mA
IG1
gate 1 current
−±10
mA
IG2
gate 2 current
−±10
mA
Ptot
total power dissipation
see Fig.2; up to Tamb =50 °C; note 1
280
mW
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
+150
°C
Fig.2 Power derating curve.
handbook, halfpage
0
50
100
200
300
0
MLD180
150
200
100
Ptot
(mW)
T
( C)
amb
o
Fig.3
Forward transfer admittance as a function
of junction temperature; typical values.
50
0
50
150
40
0
MLD156
100
30
20
10
Yfs
(mS)
T ( C)
j
o


同様の部品番号 - BF1100WR_15

メーカー部品番号データシート部品情報
logo
Quanzhou Jinmei Electro...
BF1100WR_2015 JMNIC-BF1100WR_2015 Datasheet
106Kb / 14P
   Dual-gate MOS-FET
More results

同様の説明 - BF1100WR_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF1100WR PHILIPS-BF1100WR Datasheet
146Kb / 14P
   Dual-gate MOS-FET
1995 Apr 25
logo
Quanzhou Jinmei Electro...
BF1100WR_2015 JMNIC-BF1100WR_2015 Datasheet
106Kb / 14P
   Dual-gate MOS-FET
logo
NXP Semiconductors
BF1100WR NXP-BF1100WR Datasheet
471Kb / 16P
   Dual-gate MOS-FET
1995 Apr 25
BF1204 PHILIPS-BF1204 Datasheet
110Kb / 12P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
BF1205 PHILIPS-BF1205 Datasheet
185Kb / 24P
   Dual N-channel dual gate MOS-FET
2003 Sep 30
BF1206 PHILIPS-BF1206 Datasheet
186Kb / 21P
   Dual N-channel dual-gate MOS-FET
2003 Nov 17
logo
Quanzhou Jinmei Electro...
BF1205C_2015 JMNIC-BF1205C_2015 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206_2015 JMNIC-BF1206_2015 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
BF1205C JMNIC-BF1205C_15 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206 JMNIC-BF1206_15 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com