データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF1101 データシート(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

部品番号 BF1101
部品情報  N-channel dual-gate MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
ホームページ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1101 データシート(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF1101_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1101_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1101_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1101_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1101_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1101_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1101_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1101_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1101_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1999 May 14
3
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1101; BF1101R; BF1101WR
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Ts is the temperature of the soldering point of the source lead.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
7V
ID
drain current
30
mA
IG1
gate 1 current
−±10
mA
IG2
gate 2 current
−±10
mA
Ptot
total power dissipation
Ts ≤ 110 °C; note 1
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
+150
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
200
K/W
Fig.4 Power derating curve.
handbook, halfpage
0
50
100
200
250
0
200
MGL615
150
150
100
50
Ptot
(mW)
Ts (°C)


同様の部品番号 - BF1101_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF1101R PHILIPS-BF1101R Datasheet
128Kb / 16P
   N-channel dual-gate MOS-FETs
1999 May 14
BF1101R NXP-BF1101R Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
BF1101WR PHILIPS-BF1101WR Datasheet
128Kb / 16P
   N-channel dual-gate MOS-FETs
1999 May 14
BF1101WR NXP-BF1101WR Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
More results

同様の説明 - BF1101_15

メーカー部品番号データシート部品情報
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com