データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A3166 データシート(PDF) 4 Page - Texas Instruments

部品番号 TS5A3166
部品情報  TS5A3166 0.9-廓 SPST Analog Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS5A3166 データシート(HTML) 4 Page - Texas Instruments

  TS5A3166_15 Datasheet HTML 1Page - Texas Instruments TS5A3166_15 Datasheet HTML 2Page - Texas Instruments TS5A3166_15 Datasheet HTML 3Page - Texas Instruments TS5A3166_15 Datasheet HTML 4Page - Texas Instruments TS5A3166_15 Datasheet HTML 5Page - Texas Instruments TS5A3166_15 Datasheet HTML 6Page - Texas Instruments TS5A3166_15 Datasheet HTML 7Page - Texas Instruments TS5A3166_15 Datasheet HTML 8Page - Texas Instruments TS5A3166_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TS5A3166
SCDS186C – FEBRUARY 2005 – REVISED MAY 2015
www.ti.com
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VI/O
Input/output voltage
0
V+
V
V+
Supply voltage
1.65
5.5
V
VI
Control Input Voltage
0
5.5
V
TA
Operating free-air temperature
–40
85
°C
6.4 Thermal Information
TS5A3166
THERMAL METRIC(1)
DBV (SOT)
DCK (SC-70)
YZP (DSBGA)
UNIT
5 PINS
5 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
206
252
132
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics for 5-V Supply
V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
VCOM,
Analog signal
0
V+
V
VNO
range
25°C
0.8
1.1
Peak ON
0
≤ VNO ≤ V+,
Switch ON,
rpeak
4.5 V
Ω
resistance
ICOM = –100 mA,
see Figure 13
Full
1.2
25°C
0.7
0.9
ON-state
VNO = 2.5 V,
Switch ON,
ron
4.5 V
Ω
resistance
ICOM = –100 mA,
see Figure 13
Full
1
0
≤ VNO ≤ V+,
25°C
0.15
ON-state
ICOM = –100 mA,
Switch ON,
ron(flat)
resistance
4.5 V
Ω
see Figure 13
25°C
0.09
0.15
VNO = 1 V, 1.5 V, 2.5 V,
flatness
ICOM = –100 mA,
Full
0.15
VNO = 1 V,
25°C
–20
4
20
VCOM = 4.5 V,
INO(OFF)
or
5.5 V
nA
NO
Full
–100
100
Switch OFF,
VNO = 4.5 V,
OFF leakage
see Figure 14
VCOM = 1 V,
current
25°C
–5
0.4
5
VNO = 0 to 5.5 V,
INO(PWROFF)
0 V
μA
VCOM = 5.5 V to 0,
Full
–15
15
VCOM = 1 V,
25°C
–20
4
20
VNO = 4.5 V,
ICOM(OFF)
or
5.5 V
nA
COM
Full
–100
100
Switch OFF,
VCOM = 4.5 V,
OFF leakage
see Figure 14
VNO = 1 V,
current
25°C
–5
0.4
5
ICOM(PWROFF
VCOM = 5.5 V to 0,
0 V
μA
)
VNO = 0 to 5.5 V,
Full
–15
15
VNO = 1 V,
25°C
–2
0.3
2
NO
VCOM = Open,
Switch ON,
INO(ON)
ON leakage
or
5.5 V
nA
see Figure 15
Full
–20
20
current
VNO = 4.5 V,
VCOM = Open,
VCOM = 1 V,
25°C
–2
0.3
2
COM
VNO = Open,
Switch ON,
ICOM(ON)
ON leakage
or
5.5 V
nA
see Figure 15
Full
–20
20
current
VCOM = 4.5 V,
VNO = Open,
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
4
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TS5A3166


同様の部品番号 - TS5A3166_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A3166 TI1-TS5A3166_16 Datasheet
1Mb / 32P
[Old version datasheet]   SPST Analog Switch
More results

同様の説明 - TS5A3166_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A3166-Q1 TI-TS5A3166-Q1_15 Datasheet
896Kb / 30P
[Old version datasheet]   TS5A3166-Q1 0.9-廓 SPST Analog Switch
TS5A3167 TI-TS5A3167_15 Datasheet
1Mb / 27P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3167 TI-TS5A3167 Datasheet
270Kb / 20P
[Old version datasheet]   0.9 OHM SPST ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
logo
Texas Instruments
TS3A4751 TI-TS3A4751_10 Datasheet
741Kb / 21P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI1-TS3A4751_14 Datasheet
912Kb / 24P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A1066 TI-TS5A1066_15 Datasheet
922Kb / 30P
[Old version datasheet]   10-廓 SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com