データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A3166 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS5A3166
部品情報  TS5A3166-Q1 0.9-廓 SPST Analog Switch
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS5A3166 データシート(HTML) 3 Page - Texas Instruments

  TS5A3166 Datasheet HTML 1Page - Texas Instruments TS5A3166 Datasheet HTML 2Page - Texas Instruments TS5A3166 Datasheet HTML 3Page - Texas Instruments TS5A3166 Datasheet HTML 4Page - Texas Instruments TS5A3166 Datasheet HTML 5Page - Texas Instruments TS5A3166 Datasheet HTML 6Page - Texas Instruments TS5A3166 Datasheet HTML 7Page - Texas Instruments TS5A3166 Datasheet HTML 8Page - Texas Instruments TS5A3166 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
SOT-23 OR SC-70 PACKAGE
(TOP VIEW)
1
2
3
4
5
NO
COM
GND
IN
V+
3
4
5
2
1
YZP PACKAGE
(BOTTOM VIEW)
GND
COM
NO
IN
V+
TS5A3166-Q1
www.ti.com
SCDS357A – JULY 2014 – REVISED DECEMBER 2014
6 Pin Configuration and Functions
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
NO
1
IO
Normally closed
COM
2
IO
Common
GND
3
GND
Digital ground
IN
4
Input
Digital control pin to connect COM to NO
V+
5
Power
Power Supply
7 Specifications
7.1 Absolute Maximum Ratings
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Supply voltage range(3)
–0.5
6.5
V
VNO
Analog voltage range(3)(4)(5)
–0.5
V+ + 0.5
V
VCOM
IK
Analog port diode current
VNO, VCOM < 0
–50
mA
On-state switch current
–200
200
INO
VNO, VCOM = 0 to V+
mA
ICOM
On-state peak switch current(6)
–400
400
VI
Digital input voltage range(3)(4)
–0.5
6.5
V
IIK
Digital clamp current
VI < 0
–50
mA
I+
Continuous current through V+
100
mA
IGND
Continuous current through GND
–100
mA
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(3)
All voltages are with respect to ground, unless otherwise specified.
(4)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(5)
This value is limited to 5.5 V maximum.
(6)
Pulse at 1-ms duration < 10% duty cycle.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per AEC Q100-002(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per AEC Q100-011
±1000
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TS5A3166-Q1


同様の部品番号 - TS5A3166

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3166 TI-TS5A3166 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
logo
National Semiconductor ...
TS5A3166DBVR NSC-TS5A3166DBVR Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3166DBVR TI-TS5A3166DBVR Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3166DBVR TI1-TS5A3166DBVR Datasheet
1Mb / 32P
[Old version datasheet]   SPST Analog Switch
More results

同様の説明 - TS5A3166

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A3166 TI-TS5A3166_15 Datasheet
1,012Kb / 31P
[Old version datasheet]   TS5A3166 0.9-廓 SPST Analog Switch
TS5A3167 TI-TS5A3167_15 Datasheet
1Mb / 27P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3167 TI-TS5A3167 Datasheet
270Kb / 20P
[Old version datasheet]   0.9 OHM SPST ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
logo
Texas Instruments
TS3A4751 TI-TS3A4751_10 Datasheet
741Kb / 21P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI1-TS3A4751_14 Datasheet
912Kb / 24P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A1066 TI-TS5A1066_15 Datasheet
922Kb / 30P
[Old version datasheet]   10-廓 SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com