データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A22366 データシート(PDF) 1 Page - Texas Instruments

部品番号 TS5A22366
部品情報  0.7-廓 DUAL SPDT ANALOG SWITCH WITH NEGATIVE RAIL CAPABILITY AND 1.8-V COMPATIBLE INPUT LOGIC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS5A22366 データシート(HTML) 1 Page - Texas Instruments

  TS5A22366_15 Datasheet HTML 1Page - Texas Instruments TS5A22366_15 Datasheet HTML 2Page - Texas Instruments TS5A22366_15 Datasheet HTML 3Page - Texas Instruments TS5A22366_15 Datasheet HTML 4Page - Texas Instruments TS5A22366_15 Datasheet HTML 5Page - Texas Instruments TS5A22366_15 Datasheet HTML 6Page - Texas Instruments TS5A22366_15 Datasheet HTML 7Page - Texas Instruments TS5A22366_15 Datasheet HTML 8Page - Texas Instruments TS5A22366_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
YFC PACKAGE
B
C
D
1
2
3
Bump View
A
B
C
D
3
2
1
Laser Marking View
A
TS5A22366
www.ti.com
SCDS262B – JANUARY 2009 – REVISED MAY 2013
0.7-
Ω DUAL SPDT ANALOG SWITCH
WITH NEGATIVE RAIL CAPABILITY AND 1.8-V COMPATIBLE INPUT LOGIC
Check for Samples: TS5A22366
1
FEATURES
Negative Signaling Capability: Maximum
ESD Performance Tested Per JESD 22
Swing From –2.75 V to 2.75 V (V+ = 2.75 V)
2500-V Human-Body Model
Low ON-State Resistance (0.7
Ω Typ)
(A114-B, Class II)
Excellent ON-State Resistance Matching
1000-V Charged-Device Model (C101)
1.8-V Compatible Control Input Threshold
200-V Machine Model (A115-A)
Independent of V+
APPLICATIONS
Control Inputs Are 5.5-V Tolerant
Cell Phones
2.25-V to 5.5-V Power Supply (V+)
PDAs
Low Charge Injection
Portable Instrumentation
Specified Break-Before-Make Switching
Audio Routing
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
Portable Media Players
YFC PACKAGE TERMINAL ASSIGNMENTS
D
NC1
V+
NC2
C
COM1
GND
COM2
B
NO1
GND
NO2
A
IN1
N.C.(1)
IN2
1
2
3
(1)
N.C. –No internal connection
DESCRIPTION
The TS5A22366 is a dual single-pole double-throw (SPDT) analog switch that is designed to operate from 2.25 V
to 5.5 V. The device features negative signal capability that allows signals below ground to pass through the
switch without distortion.
The break-before-make feature prevents signal distortion during the transferring of a signal from one path to
another. Low ON-state resistance, excellent channel-to-channel ON-state resistance matching, and minimal total
harmonic distortion (THD) performance are ideal for audio applications.
The TS5A22366 is available is a ultra small 1.6 mm × 1.2 mm wafer-chip-scale package (WCSP) (0.4 mm pitch).
ORDERING INFORMATION
For package and ordering information, see the Package Option Addendum at the end of this document.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TS5A22366_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A22366 TI1-TS5A22366_14 Datasheet
403Kb / 23P
[Old version datasheet]   0.7-廓 DUAL SPDT ANALOG SWITCH WITH NEGATIVE RAIL CAPABILITY AND 1.8-V COMPATIBLE INPUT LOGIC
More results

同様の説明 - TS5A22366_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A22366 TI-TS5A22366 Datasheet
536Kb / 21P
[Old version datasheet]   0.7-廓 DUAL SPDT ANALOG SWITCH WITH NEGATIVE RAIL CAPABILITY AND 1.8-V COMPATIBLE INPUT LOGIC
TS5A22366 TI1-TS5A22366_14 Datasheet
403Kb / 23P
[Old version datasheet]   0.7-廓 DUAL SPDT ANALOG SWITCH WITH NEGATIVE RAIL CAPABILITY AND 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI1-TS5A21366_14 Datasheet
1Mb / 30P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_1 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_15 Datasheet
1Mb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_10 Datasheet
381Kb / 20P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI1-TS5A12301E_14 Datasheet
826Kb / 24P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_15 Datasheet
777Kb / 23P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E Datasheet
619Kb / 22P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com