データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A26542 データシート(PDF) 11 Page - Texas Instruments

部品番号 TS5A26542
部品情報  0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS5A26542 データシート(HTML) 11 Page - Texas Instruments

Back Button TS5A26542_15 Datasheet HTML 7Page - Texas Instruments TS5A26542_15 Datasheet HTML 8Page - Texas Instruments TS5A26542_15 Datasheet HTML 9Page - Texas Instruments TS5A26542_15 Datasheet HTML 10Page - Texas Instruments TS5A26542_15 Datasheet HTML 11Page - Texas Instruments TS5A26542_15 Datasheet HTML 12Page - Texas Instruments TS5A26542_15 Datasheet HTML 13Page - Texas Instruments TS5A26542_15 Datasheet HTML 14Page - Texas Instruments TS5A26542_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
V+ (V)
0
5
10
15
20
25
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
tON
tOFF
tOFF
tON
TA – Temperature 5C
6
8
10
12
14
16
−60
−40
−20
0
20
40
60
80
100
6
8
10
12
14
16
−60
−40
−20
0
20
40
60
80
100
−25
−20
−15
−10
−5
0
Frequency (MHz)
0.01
1
1000
10
100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
Frequency (MHz)
0.01
1
1000
10
100
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
Frequency (Hz)
10
1k
1M
10k
100k
0.002
0.003
0.004
0.005
0.006
Frequency (MHz)
10
1k
1M
10k
100k
TS5A26542
www.ti.com
SCDS232E – JUNE 2006 – REVISED DECEMBER 2009
TYPICAL PERFORMANCE (continued)
Figure 7. tON/tOFF vs Supply Voltage
Figure 8. tON/tOFF vs Temperature (V+ = 5 V)
Figure 9. Gain vs Frequency (V+ = 5 V)
Figure 10. Crosstalk vs Frequency (V+ = 5 V)
Figure 11. OFF Isolation vs Frequency (V+ = 5 V)
Figure 12. Total Harmonic Distortion vs Frequency
(V+ = 2.5 V)
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TS5A26542


同様の部品番号 - TS5A26542_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A26542 TI-TS5A26542_10 Datasheet
432Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI1-TS5A26542_14 Datasheet
398Kb / 23P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
More results

同様の説明 - TS5A26542_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A26542 TI1-TS5A26542_14 Datasheet
398Kb / 23P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_10 Datasheet
432Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542_15 Datasheet
717Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542_09 Datasheet
420Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI1-TS5A6542_14 Datasheet
759Kb / 23P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542 Datasheet
259Kb / 19P
[Old version datasheet]   0.75-??SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542 Datasheet
321Kb / 21P
[Old version datasheet]   0.75-W DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A21366 TI1-TS5A21366_14 Datasheet
1Mb / 30P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_1 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com