データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS12A12511 データシート(PDF) 1 Page - Texas Instruments

部品番号 TS12A12511
部品情報  TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS12A12511 データシート(HTML) 1 Page - Texas Instruments

  TS12A12511_15 Datasheet HTML 1Page - Texas Instruments TS12A12511_15 Datasheet HTML 2Page - Texas Instruments TS12A12511_15 Datasheet HTML 3Page - Texas Instruments TS12A12511_15 Datasheet HTML 4Page - Texas Instruments TS12A12511_15 Datasheet HTML 5Page - Texas Instruments TS12A12511_15 Datasheet HTML 6Page - Texas Instruments TS12A12511_15 Datasheet HTML 7Page - Texas Instruments TS12A12511_15 Datasheet HTML 8Page - Texas Instruments TS12A12511_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
SPDT
IN
COM
NC
NO
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TS12A12511
SCDS248C – OCTOBER 2009 – REVISED JANUARY 2015
TS12A12511 5-
Ω Single-Channel SPDT Analog Switch With Negative Signaling Capability
1 Features
3 Description
The TS12A12511 is a bidirectional, single-channel,
1
±2.7-V to ±6-V Dual Supply
single-pole double-throw (SPDT) analog switch that
2.7-V to 12-V Single Supply
can pass signals with swings of 0 to 12 V or –6 V to 6
5-
Ω (Typical) ON-State Resistance
V. This switch conducts equally well in both directions
when it is on. The device also offers a low ON-state
1.6-
Ω (Typical) ON-State Resistance Flatness
resistance of 5
Ω (typical), which is matched to within
3.3-V, 5-V Compatible Digital Control Inputs
1
Ω between channels. The maximum current
Rail-to-Rail Analog Signal Handling
consumption is <1
μA and –3 dB bandwidth is >93
MHz. The TS12A12511 exhibits break-before-make
Fast tON, tOFF Times
switching action, preventing momentary shorting
Supports Both Digital and Analog Signal
when switching channels. This device is available
Applications
packaged in an 8-lead VSSOP, 8-lead SOT-23, and a
Tiny 8-Lead SOT-23, 8-Lead MSOP, and QFN-8
8-pin WSON.
Packages
Device Information(1)
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT (8)
2.90 mm × 1.63 mm
ESD Performance Tested per JESD 22
TS12A12511
VSSOP (8)
3.00 mm × 3.00 mm
±2000-V Human Body Model
WSON (8)
4.00 mm × 4.00 mm
(A114-B, Class II)
±1000-V Charged-Device Model (C101)
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
2 Applications
Simplified Schematic
Automatic Test Equipment
Power Routing
Communication Systems
Data Acquisition Systems
Sample-and-Hold Systems
Relay Replacement
Battery-Powered Systems
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


同様の部品番号 - TS12A12511_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS12A12511 TI1-TS12A12511_14 Datasheet
879Kb / 25P
[Old version datasheet]   짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
More results

同様の説明 - TS12A12511_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
TS5A22362 TI-TS5A22362 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22364 TI-TS5A22364_15 Datasheet
1Mb / 31P
[Old version datasheet]   TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22362 TI1-TS5A22362_17 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com