データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL074G-D14-T データシート(PDF) 10 Page - Unisonic Technologies

部品番号 TL074G-D14-T
部品情報  LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL074G-D14-T データシート(HTML) 10 Page - Unisonic Technologies

Back Button TL074G-D14-T Datasheet HTML 2Page - Unisonic Technologies TL074G-D14-T Datasheet HTML 3Page - Unisonic Technologies TL074G-D14-T Datasheet HTML 4Page - Unisonic Technologies TL074G-D14-T Datasheet HTML 5Page - Unisonic Technologies TL074G-D14-T Datasheet HTML 6Page - Unisonic Technologies TL074G-D14-T Datasheet HTML 7Page - Unisonic Technologies TL074G-D14-T Datasheet HTML 8Page - Unisonic Technologies TL074G-D14-T Datasheet HTML 9Page - Unisonic Technologies TL074G-D14-T Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TL074
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 10
www.unisonic.com.tw
QW-R105-005. H
TYPICAL CHARACTERISTICS(Cont.)
0
3.5
2
0.5
4
-4
Time (μs)
Voltage Follower Large Signal Pulse Response
3
1
86
0.7
0.4
0
24
28
8
-4
0.1
Time (μs)
Output Voltage Versus Elapsed Time
0.5
0.6
0.3
16
0
0.2
01.5
2.5
INPUT
-6
-2
2
6
OUTPUT
Vcc = ±15V
RL = 2KΩ
CL = 100pF
TA = +25℃
Vcc = ±15V
RL = 2KΩ
TA = +25℃
4
20
overshoot
10%
tr
90%
20
30
100K
10K
4K
40
10
60
50
70
10
0
Vcc = ±15V
Av = 10
Rs = 20Ω
TA = +25℃
400
Frequency (Hz)
Equivalent Input Noise Voltage Versus
Frequency
1K
100
40K
40
0.01
100K
10K
4K
100
0.4
0.1
1
0.004
0.001
400
Frequency (Hz)
Total Harmonic Distortion Versus
Frequency
1K
40K
0.04
Vcc = ±15V
Av = 1
VI(RMS) = 6V
TA = +25℃
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


同様の部品番号 - TL074G-D14-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
TL074G-D14-T UTC-TL074G-D14-T Datasheet
396Kb / 10P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074G-D14-T UTC-TL074G-D14-T Datasheet
380Kb / 10P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
More results

同様の説明 - TL074G-D14-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
TL084 UTC-TL084_10 Datasheet
218Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084_15 Datasheet
218Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084 Datasheet
198Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_11 Datasheet
380Kb / 10P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084_18 Datasheet
246Kb / 6P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
UTCTL074 UTC-UTCTL074 Datasheet
391Kb / 9P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_10 Datasheet
396Kb / 10P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC834 RENESAS-UPC834 Datasheet
504Kb / 8P
   Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
logo
NEC
UPC4074 NEC-UPC4074 Datasheet
277Kb / 10P
   LOW NOISE J-FET INPUT QUAD OPERATIONAL AMPLIFIER??????
logo
Renesas Technology Corp
PC4074 RENESAS-PC4074_15 Datasheet
249Kb / 11P
   J-FET INPUT LOW-NOISE QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com