データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC34H84 データシート(PDF) 1 Page - Texas Instruments

部品番号 DAC34H84
部品情報  DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DAC34H84 データシート(HTML) 1 Page - Texas Instruments

  DAC34H84_15 Datasheet HTML 1Page - Texas Instruments DAC34H84_15 Datasheet HTML 2Page - Texas Instruments DAC34H84_15 Datasheet HTML 3Page - Texas Instruments DAC34H84_15 Datasheet HTML 4Page - Texas Instruments DAC34H84_15 Datasheet HTML 5Page - Texas Instruments DAC34H84_15 Datasheet HTML 6Page - Texas Instruments DAC34H84_15 Datasheet HTML 7Page - Texas Instruments DAC34H84_15 Datasheet HTML 8Page - Texas Instruments DAC34H84_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 96 page
background image
DAC34H84
16-bit DAC
16-bit DAC
16-bit DAC
16-bit DAC
xN
xN
xN
xN
RF
RF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
DAC34H84
SLAS751D – MARCH 2011 – REVISED SEPTEMBER 2015
DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
A
high-performance
low
jitter
clock
multiplier
1 Features
simplifies clocking of the device without significant
1
Very Low Power: 1.4 W at 1.25 GSPS
impact on the dynamic range. The digital Quadrature
Multi-DAC Synchronization
Modulator Correction (QMC) enables complete IQ
compensation for gain, offset, phase and group delay
Selectable 2x, 4x, 8x, 16x Interpolation Filter
between
channels
in
direct
up-conversion
Stop-Band Attenuation > 90 dBc
applications.
Flexible On-chip Complex Mixing
Digital data is input to the device through a 32-bit
Two Independent Fine Mixers with 32-bit
wide LVDS data bus with on-chip termination. The
NCOs
wide
bus
allows
the
processing
of
very
high
Power Saving Coarse Mixers: ± n×Fs/8
bandwidth signals. The device includes a FIFO, data
pattern checker and parity test to ease the input
High Performance, Low Jitter Clock Multiplying
interface.
The
interface
also
allows
full
PLL
synchronization of multiple devices.
Digital I and Q Correction
The device is characterized for operation over the
Gain, Phase, Offset, and Group Delay
entire industrial temperature range of –40°C to 85°C
Correction
and is available in a 196-ball, 12x12mm, 0.8mm pitch
Digital Inverse Sinc Filters
BGA package.
32-Bit DDR Flexible LVDS Input Data Bus
The DAC34H84 very low power, high bandwidth
8 Sample Input FIFO
support, superior crosstalk, high dynamic range and
features
are
an
ideal
fit
for
next
generation
Supports Data Rates up to 625 MSPS
communication systems.
Data Pattern Checker
Parity Check
Device Information(1)
Temperature Sensor
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Differential Scalable Output: 10mA to 30mA
DAC34H84
NFBGA (196)
12.00 mm x 12.00 mm
196-Ball, 12x12mm NFBGA (GREEN / Pb-Free)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
2 Applications
Simplified Schematic
Cellular Base Stations
Diversity Transmit
Wideband Communications
3 Description
The DAC34H84 is a very low power, high dynamic
range,
quad-channel,
16-bit
digital-to-analog
converter (DAC) with a sample rate as high as 1.25
GSPS.
The device includes features that simplify the design
of complex transmit architectures: 2x to 16x digital
interpolation filters with over 90 dB of stop-band
attenuation
simplify
the
data
interface
and
reconstruction filters. Independent complex mixers
allow flexible carrier placement.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


同様の部品番号 - DAC34H84_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results

同様の説明 - DAC34H84_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com