データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC37J82IAAVR データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC37J82IAAVR
部品情報  DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DAC37J82IAAVR データシート(HTML) 11 Page - Texas Instruments

Back Button DAC37J82IAAVR Datasheet HTML 7Page - Texas Instruments DAC37J82IAAVR Datasheet HTML 8Page - Texas Instruments DAC37J82IAAVR Datasheet HTML 9Page - Texas Instruments DAC37J82IAAVR Datasheet HTML 10Page - Texas Instruments DAC37J82IAAVR Datasheet HTML 11Page - Texas Instruments DAC37J82IAAVR Datasheet HTML 12Page - Texas Instruments DAC37J82IAAVR Datasheet HTML 13Page - Texas Instruments DAC37J82IAAVR Datasheet HTML 14Page - Texas Instruments DAC37J82IAAVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 119 page
background image
DAC37J82, DAC38J82
www.ti.com
SLASE16B – JANUARY 2014 – REVISED MAY 2014
Digital Electrical Characteristics (continued)
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, nominal supplies, unless otherwise noted.
DAC37J82
DAC38J82
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
PHASE LOCKED LOOP
pll_vcosel = '1', pll_vco = '010001'(17),
pll_vcoitune = '10', VCO Frequency =
Assured
Assured
3932.16MHz
pll_vcosel = '1', pll_vco = '011111'(31),
pll_vcoitune = '10', VCO Frequency =
Assured
Assured
4120MHz
pll_vcosel = '1', pll_vco = '110010'(50),
pll_vcoitune = '10', VCO Frequency =
Assured
Assured
4423.68MHz
pll_vcosel = '0', pll_vco = '001101'(13),
PLL/VCO operating frequency
pll_vcoitune = '11', VCO Frequency =
Assured
Assured
4608MHz
pll_vcosel = '0', pll_vco = '011010'(26),
pll_vcoitune = '11', VCO Frequency =
Assured
Assured
4800MHz
pll_vcosel = '0', pll_vco = '100001'(33),
pll_vcoitune = '11', VCO Frequency =
Assured
Assured
4915.2MHz
pll_vcosel = '0', pll_vco = '100110'(38),
pll_vcoitune = '11', VCO Frequency =
Assured
Assured
5000MHz
6.7 AC Electrical Characteristics
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, nominal supplies, unless otherwise noted.
DAC37J82
DAC38J82
PARAMETER
TEST CONDITIONS / COMMENTS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
ANALOG OUTPUT (1)
4x or higher interpolation
1600
2500
fDAC
Maximum DAC rate
2x interpolation
1600
2460
MSPS
1x interpolation
1230
1230
No interpolation, FIFO off, Mixer off, QMC off, Inverse
11
11
sinc off
2x Interpolation
83
83
4x Interpolation
211
211
8x Interpolation
483
483
16x Interpolation
1051
1051
NCO
48
48
Digital latency
DAC clock
QMC
32
32
cycles
(F=2, 2x interpolation)
Inverse Sinc
36
36
PA Protection (pap_dlylen_sel = "0")
68
68
Dithering
0
0
Complex Summation
0
0
Coarse Fractional Delay
51
51
Fine Fractional Delay
52
52
(1)
Measured single ended into 50
Ω load.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DAC37J82 DAC38J82


同様の部品番号 - DAC37J82IAAVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC37J82IAAVR TI1-DAC37J82IAAVR Datasheet
2Mb / 122P
[Old version datasheet]   Digital-to-Analog Converters
More results

同様の説明 - DAC37J82IAAVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC38J82 TI-DAC38J82_15 Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC39J84 TI-DAC39J84_15 Datasheet
2Mb / 146P
[Old version datasheet]   DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
AD9691 AD-AD9691 Datasheet
1Mb / 72P
   14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC39RF10 TI-DAC39RF10 Datasheet
10Mb / 178P
[Old version datasheet]   DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
MAY 2023
logo
Analog Devices
AD9778A AD-AD9778A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779A AD-AD9779A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779BSVZ AD-AD9779BSVZ Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9776A AD-AD9776A Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9207 AD-AD9207 Datasheet
252Kb / 5P
   12-Bit, 6 GSPS, JESD204B/C Dual Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com