データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC38J82 データシート(PDF) 10 Page - Texas Instruments

部品番号 DAC38J82
部品情報  DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DAC38J82 データシート(HTML) 10 Page - Texas Instruments

Back Button DAC38J82_15 Datasheet HTML 6Page - Texas Instruments DAC38J82_15 Datasheet HTML 7Page - Texas Instruments DAC38J82_15 Datasheet HTML 8Page - Texas Instruments DAC38J82_15 Datasheet HTML 9Page - Texas Instruments DAC38J82_15 Datasheet HTML 10Page - Texas Instruments DAC38J82_15 Datasheet HTML 11Page - Texas Instruments DAC38J82_15 Datasheet HTML 12Page - Texas Instruments DAC38J82_15 Datasheet HTML 13Page - Texas Instruments DAC38J82_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 119 page
background image
DAC37J82, DAC38J82
SLASE16B – JANUARY 2014 – REVISED MAY 2014
www.ti.com
6.6 Digital Electrical Characteristics
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, nominal supplies, unless otherwise noted.
DAC37J82
DAC38J82
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
CML SERDES INPUTS: RX[7:0]P/N
VDIFF
Receiver input amplitude
50
1200
50
1200
mV
Input common mode
600
600
(TERM=111)
Input common mode
700
700
(TERM=001)
VCOM
mV
Input common mode
0
0
(TERM=100)
Input common mode
250
250
(TERM=101)
Internal differential
ZDIFF
85
100
115
85
100
115
Ω
termination
fDATA
Serdes bit rate
0.78125
12.5
0.78125
12.5
Gbps
LVPECL INPUTS: SYSREFP/N
VCOM
Input common mode voltage
0.5
0.5
V
Differential input peak-to-
VIDPP
400
800
400
800
mV
peak voltage
ZT
Internal termination
100
100
Ω
CL
Input capacitance
2
2
pF
LVPECL INPUTS: DACCLKP/N
VCOM
Input common mode voltage
0.5
0.5
V
Differential input peak-to-
VIDPP
400
800
400
800
mV
peak voltage
ZT
Internal termination
100
100
Ω
CL
Input capacitance
2
2
pF
Duty cycle
40%
60%
40%
60%
DACCLKP/N Input
fDACCLK
1.6
2.5
GHz
Frequency
LVDS OUTPUTS: SYNCBP/N
Output common mode
VCOM
1.2
1.2
V
voltage
ZT
Internal termination
100
100
Ω
Differential output voltage
VOD
0.5
0.5
V
swing
CMOS INTERFACE: SDENB, SCLK, SDIO, SDO, TXENA, ALARM, RESETB, SLEEP, TMS, TCLK, TDI, TDO, TRSTB, TESTMODE, SYNC_N_AB,
SYNC_N_CD
0.7 x
0.7 x
VIH
High-level input voltage
VDDIO1
VDDIO1
V
8
8
0.3 x
0.3 x
VIL
Low-level input voltage
VDDI
VDDIO
V
O18
18
IIH
High-level input current
-40
40
-40
40
µA
IIL
Low-level input current
-40
40
-40
40
µA
CI
CMOS Input capacitance
2
2
pF
VDDIO1
VDDIO1
Iload =–100
μA
8 – 0.2
8 – 0.2
VOH
ALARM, SDO, SDIO, TDO
V
0.8 x
0.8 x
Iload = –2 mA
VDDIO1
VDDIO1
8
8
Iload = 100
μA
0.2
0.2
VOL
ALARM, SDO, SDIO, TDO
V
Iload = 2 mA
0.5
0.5
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: DAC37J82 DAC38J82


同様の部品番号 - DAC38J82_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC38J82IAAV TI-DAC38J82IAAV Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC38J82IAAV TI1-DAC38J82IAAV Datasheet
2Mb / 122P
[Old version datasheet]   Digital-to-Analog Converters
DAC38J82IAAVR TI-DAC38J82IAAVR Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC38J82IAAVR TI1-DAC38J82IAAVR Datasheet
2Mb / 122P
[Old version datasheet]   Digital-to-Analog Converters
More results

同様の説明 - DAC38J82_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC37J82 TI-DAC37J82_15 Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC39J84 TI-DAC39J84_15 Datasheet
2Mb / 146P
[Old version datasheet]   DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
AD9691 AD-AD9691 Datasheet
1Mb / 72P
   14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC39RF10 TI-DAC39RF10 Datasheet
10Mb / 178P
[Old version datasheet]   DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
MAY 2023
logo
Analog Devices
AD9778A AD-AD9778A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779A AD-AD9779A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779BSVZ AD-AD9779BSVZ Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9776A AD-AD9776A Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9207 AD-AD9207 Datasheet
252Kb / 5P
   12-Bit, 6 GSPS, JESD204B/C Dual Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com