データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC161P997-DIE データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC161P997-DIE
部品情報  Single-Wire 16-Bit DAC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DAC161P997-DIE データシート(HTML) 2 Page - Texas Instruments

  DAC161P997-DIE Datasheet HTML 1Page - Texas Instruments DAC161P997-DIE Datasheet HTML 2Page - Texas Instruments DAC161P997-DIE Datasheet HTML 3Page - Texas Instruments DAC161P997-DIE Datasheet HTML 4Page - Texas Instruments DAC161P997-DIE Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DAC161P997-DIE
SLAS940 – MARCH 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
BARE DIE INFORMATION
BACKSIDE
BOND PAD
BOND PAD
DIE THICKNESS
BACKSIDE FINISH
POTENTIAL
METALLIZATION COMPOSITION
THICKNESS
10.5 mils.
Silicon with backgrind
Floating
AlCu (0.5%)
850 nm
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DAC161P997-DIE


同様の部品番号 - DAC161P997-DIE

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC161P997 TI1-DAC161P997 Datasheet
870Kb / 34P
[Old version datasheet]   DAC161P997 Single-Wire 16-bit DAC for 4-20mA Loops
DAC161P997 TI-DAC161P997 Datasheet
1Mb / 39P
[Old version datasheet]   DAC161P997 Single-Wire 16-bit DAC for 4- to 20-mA Loops
DAC161P997CISQ TI1-DAC161P997CISQ Datasheet
870Kb / 34P
[Old version datasheet]   DAC161P997 Single-Wire 16-bit DAC for 4-20mA Loops
DAC161P997CISQ/NOPB TI-DAC161P997CISQ/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   DAC161P997 Single-Wire 16-bit DAC for 4- to 20-mA Loops
DAC161P997CISQX TI1-DAC161P997CISQX Datasheet
870Kb / 34P
[Old version datasheet]   DAC161P997 Single-Wire 16-bit DAC for 4-20mA Loops
More results

同様の説明 - DAC161P997-DIE

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC161P997 TI1-DAC161P997 Datasheet
870Kb / 34P
[Old version datasheet]   DAC161P997 Single-Wire 16-bit DAC for 4-20mA Loops
logo
Micro Analog systems
MAS9316 MAS-MAS9316 Datasheet
141Kb / 8P
   16-BIT DAC
logo
Analog Devices
AD1866RZ AD-AD1866RZ Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866 AD-AD1866 Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866 AD-AD1866_15 Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
logo
Texas Instruments
DAC161P997 TI-DAC161P997_15 Datasheet
1Mb / 39P
[Old version datasheet]   DAC161P997 Single-Wire 16-bit DAC for 4- to 20-mA Loops
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
   Dual 16-bit DAC
November 1985
logo
Linear Technology
LTC1668 LINER-LTC1668 Datasheet
728Kb / 16P
   16-Bit, 50Msps DAC
logo
Analog Devices
AD5753 AD-AD5753 Datasheet
2Mb / 72P
   Single-Channel, 16-Bit Current and Voltage DAC
AD3541R AD-AD3541R Datasheet
3Mb / 56P
   Single Channel, 16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
Rev. 0
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com