データシートサーチシステム |
|
DAC2902 データシート(PDF) 2 Page - Texas Instruments |
|
DAC2902 データシート(HTML) 2 Page - Texas Instruments |
2 / 23 page DAC2902 2 SBAS167C www.ti.com ELECTRICAL CHARACTERISTICS DAC2902Y PARAMETER CONDITIONS MIN TYP MAX UNIT RESOLUTION 12 Bits Output Update Rate (fCLOCK) 125 MSPS STATIC ACCURACY(1) Differential Nonlinearity (DNL) TA = +25°C –2.0 ±1 +2.0 LSB TMIN to TMAX –2.5 +2.5 LSB Integral Nonlinearity (INL) TA = +25°C –2.0 ±1 +2.0 LSB TMIN to TMAX –3.0 +3.0 LSB DYNAMIC PERFORMANCE Spurious-Free Dynamic Range (SFDR) To Nyquist fOUT = 1MHz, fCLOCK = 50MSPS 0dBFS Output 72 82 dBc –6dBFS Output 77 dBc –12dBFS Output 72 dBc fOUT = 1MHz, fCLOCK = 26MSPS 81 dBc fOUT = 2.18MHz, fCLOCK = 52MSPS 81 dBc fOUT = 5.24MHz, fCLOCK = 52MSPS 81 dBc fOUT = 10.4MHz, fCLOCK = 78MSPS 77 dBc fOUT = 15.7MHz, fCLOCK = 78MSPS 71 dBc fOUT = 5.04MHz, fCLOCK = 100MSPS 80 dBc fOUT = 20.2MHz, fCLOCK = 100MSPS 70 dBc fOUT = 20.1MHz, fCLOCK = 125MSPS 72 dBc fOUT = 40.2MHz, fCLOCK = 125MSPS 64 dBc Spurious-Free Dynamic Range within a Window fOUT = 1.0MHz, fCLOCK = 50MSPS 2MHz Span 80 90 dBc fOUT = 5.02MHz, fCLOCK = 50MSPS 10MHz Span 88 dBc fOUT = 5.03MHz, fCLOCK = 78MSPS 10MHz Span 88 dBc fOUT = 5.04MHz, fCLOCK = 125MSPS 10MHz Span 88 dBc Total Harmonic Distortion (THD) fOUT = 1MHz, fCLOCK = 50MSPS –79 –70 dBc fOUT = 5.02MHz, fCLOCK = 50MSPS –77 dBc fOUT = 5.03MHz, fCLOCK = 78MSPS –76 dBc fOUT = 5.04MHz, fCLOCK = 125MSPS –75 dBc Multitone Power Ratio 8 Tone with 110kHz Spacing fOUT = 2.0MHz to 2.99MHz, fCLOCK = 65MSPS 0dBFS Output 80 dBc At TMIN to TMAX, +VA = +5V, +VD = +3.3V, differential transformer coupled output, and 50Ω doubly-terminated, unless otherwise noted. Independent Gain mode. ELECTROSTATIC DISCHARGE SENSITIVITY This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation pro- cedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ABSOLUTE MAXIMUM RATINGS +VA to AGND ........................................................................ –0.3V to +6V +VD to DGND ........................................................................ –0.3V to +6V AGND to DGND ................................................................. –0.3V to +0.3V +VA to +VD ............................................................................... –6V to +6V CLK, PD, WRT to DGND ........................................... –0.3V to VD + 0.3V D0-D11 to DGND ....................................................... –0.3V to VD + 0.3V IOUT, IOUT to AGND ........................................................ –1V to VA + 0.3V GSET to AGND .......................................................... –0.3V to VA + 0.3V REFIN, FSA to AGND ................................................. –0.3V to VA + 0.3V Junction Temperature .................................................................... +150 °C Case Temperature ......................................................................... +100 °C Storage Temperature .................................................................... +125 °C SPECIFIED PACKAGE TEMPERATURE PACKAGE ORDERING TRANSPORT PRODUCT PACKAGE DESIGNATOR RANGE MARKING NUMBER MEDIA, QUANTITY DAC2902Y TQFP-48 PFB –40 °C to +85°C DAC2902Y DAC2902Y/250 Tape and Reel, 250 "" " " " DAC2902Y/1K Tape and Reel, 1000 NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. PACKAGE/ORDERING INFORMATION(1) PRODUCT EVM ORDERING NUMBER COMMENT DAC2902 DAC2902-EVM Fully populated evaluation board. See user manual for details. |
同様の部品番号 - DAC2902_15 |
|
同様の説明 - DAC2902_15 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |