データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC5652A データシート(PDF) 2 Page - Texas Instruments

部品番号 DAC5652A
部品情報  DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DAC5652A データシート(HTML) 2 Page - Texas Instruments

  DAC5652A_15 Datasheet HTML 1Page - Texas Instruments DAC5652A_15 Datasheet HTML 2Page - Texas Instruments DAC5652A_15 Datasheet HTML 3Page - Texas Instruments DAC5652A_15 Datasheet HTML 4Page - Texas Instruments DAC5652A_15 Datasheet HTML 5Page - Texas Instruments DAC5652A_15 Datasheet HTML 6Page - Texas Instruments DAC5652A_15 Datasheet HTML 7Page - Texas Instruments DAC5652A_15 Datasheet HTML 8Page - Texas Instruments DAC5652A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
DE-
MUX
DA[9:0]
DB[9:0]
MODE
GSET
Latch A
Latch B
10−b DAC
10−b DAC
IOUTA1
IOUTA2
IOUTB1
IOUTB2
1.2 V Reference
WRTB
WRTA
CLKB
CLKA
BIASJ_A
BIASJ_B
EXTIO
DVDD
DGND
AVDD
AGND
SLEEP
DAC5652A
SLAS535D – SEPTEMBER 2007 – REVISED AUGUST 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
FUNCTIONAL BLOCK DIAGRAM
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
48-Pin TQFP
DAC5652AIPFB
–40°C to 85°C
DAC5652AIPFBR
THERMAL INFORMATION
DAC5652A
THERMAL METRIC(1)(2)
UNITS
PFB (48 PINS)
θJA
Junction-to-ambient thermal resistance
65.3
θJCtop
Junction-to-case (top) thermal resistance
16.4
θJB
Junction-to-board thermal resistance
28.6
°C/W
ψJT
Junction-to-top characterization parameter
0.4
ψJB
Junction-to-board characterization parameter
28.4
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
2
Submit Documentation Feedback
Copyright © 2007–2012, Texas Instruments Incorporated
Product Folder Links: DAC5652A


同様の部品番号 - DAC5652A_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652A_1809 TI1-DAC5652A_1809 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
More results

同様の説明 - DAC5652A_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A_1809 TI1-DAC5652A_1809 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652A TI1-DAC5652A Datasheet
644Kb / 25P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652 TI-DAC5652 Datasheet
323Kb / 22P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672 TI1-DAC5672 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL, 14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI1-DAC5662 Datasheet
680Kb / 25P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI-DAC5662_15 Datasheet
683Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662A TI1-DAC5662A Datasheet
655Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com