データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC5662 データシート(PDF) 2 Page - Texas Instruments

部品番号 DAC5662
部品情報  DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DAC5662 データシート(HTML) 2 Page - Texas Instruments

  DAC5662_15 Datasheet HTML 1Page - Texas Instruments DAC5662_15 Datasheet HTML 2Page - Texas Instruments DAC5662_15 Datasheet HTML 3Page - Texas Instruments DAC5662_15 Datasheet HTML 4Page - Texas Instruments DAC5662_15 Datasheet HTML 5Page - Texas Instruments DAC5662_15 Datasheet HTML 6Page - Texas Instruments DAC5662_15 Datasheet HTML 7Page - Texas Instruments DAC5662_15 Datasheet HTML 8Page - Texas Instruments DAC5662_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
DEVICE INFORMATION
13 14 15
NC
NC
DB0 (LSB)
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
36
35
34
33
32
31
30
29
28
27
26
25
16
1
2
3
4
5
6
7
8
9
10
11
12
DA11 (MSB)
DA10
DA9
DA8
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0 (LSB)
17 18 19 20
47 46 45 44 43
48
42
40 39 38
41
21 22 23 24
37
Top View
48−Pin TQFP
PFB Package
DAC5662
SLAS425B – JULY 2004 – REVISED MAY 2007 ................................................................................................................................................................ www.ti.com
The DAC5662 has been specifically designed for a differential transformer coupled output with a 50-
Ω doubly
terminated load. For a 20-mA full-scale output current a 4:1 impedance ratio (resulting in an output power of
4 dBm) and 1:1 impedance ratio transformer (-2 dBm output power) are supported.
The DAC5662 is available in a 48-pin thin quad FlatPack (TQFP). Pin compatibility between family members
provides 12-bit (DAC5662) and 14-bit (DAC5672) resolution. Furthermore, the DAC5662 is pin compatible to the
DAC2902 and AD9765 dual DACs. The device is characterized for operation over the industrial temperature
range of -40°C to 85°C.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
48-TQFP
DAC5662IPFB
-40°C to 85°C
DAC5662IPFBR
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND
38
I
Analog ground
AVDD
47
I
Analog supply voltage
BIASJ_A
44
O
Full-scale output current bias for DACA
BIASJ_B
41
O
Full-scale output current bias for DACB
CLKA/CLKIQ
18
I
Clock input for DACA, CLKIQ in interleaved mode.
CLKB/RESETI
19
I
Clock input for DACB, RESETIQ in interleaved mode.
Q
DA[11:0]
1-12
I
Data port A. DA11 is MSB and DA0 is LSB. Internal pulldown.
DB[11:0]
23-34
I
Data port B. DB11 is MSB and DB0 is LSB. Internal pulldown.
2
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): DAC5662


同様の部品番号 - DAC5662_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC5662-EP TI1-DAC5662-EP Datasheet
670Kb / 29P
[Old version datasheet]   DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662A TI1-DAC5662A Datasheet
655Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662AIPFB TI1-DAC5662AIPFB Datasheet
655Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662AIPFBG4 TI1-DAC5662AIPFBG4 Datasheet
655Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662AIPFBR TI1-DAC5662AIPFBR Datasheet
655Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results

同様の説明 - DAC5662_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC5662 TI1-DAC5662 Datasheet
680Kb / 25P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662A TI1-DAC5662A Datasheet
655Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672 TI1-DAC5672 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL, 14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI-DAC5652A_15 Datasheet
645Kb / 26P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A_1809 TI1-DAC5652A_1809 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652A TI1-DAC5652A Datasheet
644Kb / 25P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652 TI-DAC5652 Datasheet
323Kb / 22P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com