データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC5674 データシート(PDF) 9 Page - Texas Instruments

部品番号 DAC5674
部品情報  14-BIT,400 MSPS,2X/4X INTERPOLATING COMMSDAC DIGITAL-TO-ANALOG CONVERTER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DAC5674 データシート(HTML) 9 Page - Texas Instruments

Back Button DAC5674_15 Datasheet HTML 5Page - Texas Instruments DAC5674_15 Datasheet HTML 6Page - Texas Instruments DAC5674_15 Datasheet HTML 7Page - Texas Instruments DAC5674_15 Datasheet HTML 8Page - Texas Instruments DAC5674_15 Datasheet HTML 9Page - Texas Instruments DAC5674_15 Datasheet HTML 10Page - Texas Instruments DAC5674_15 Datasheet HTML 11Page - Texas Instruments DAC5674_15 Datasheet HTML 12Page - Texas Instruments DAC5674_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
DAC5674
SLWS148A − SEPTEMBER 2003 − REVISED OCTOBER 2005
www.ti.com
9
TYPICAL CHARACTERISTICS
−1.0
−0.8
−0.6
−0.4
−0.2
−0.0
0.2
0.4
0.6
0.8
1.0
0
2000
4000
6000
8000
10000
12000
14000
16000
INTEGRAL NONLINEARITY
vs
INPUT CODE
Input Code
VCC = 3.3 V
IOUTfS = 20 mA
Figure 2
−1.0
−0.8
−0.6
−0.4
−0.2
−0.0
0.2
0.4
0.6
0.8
1.0
0
2000
4000
6000
8000
10000
12000
14000
16000
DIFFERENTIAL NONLINEARITY
vs
INPUT CODE
Input Code
VCC = 3.3 V
IOUTfS = 20 mA
Figure 3


同様の部品番号 - DAC5674_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC5674IPHP TI1-DAC5674IPHP Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
DAC5674IPHPG4 TI1-DAC5674IPHPG4 Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
DAC5674IPHPR TI1-DAC5674IPHPR Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
DAC5674IPHPRG4 TI1-DAC5674IPHPRG4 Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results

同様の説明 - DAC5674_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC5674 TI1-DAC5674 Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5671A TI-THS5671A Datasheet
825Kb / 31P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
ADS5474 TI-ADS5474 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
[Old version datasheet]   14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474 TI1-ADS5474_14 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI1-ADS5474_16 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI-ADS5474_08 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5681Z TI-DAC5681Z_15 Datasheet
2Mb / 58P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com