データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC5681 データシート(PDF) 9 Page - Texas Instruments

部品番号 DAC5681
部品情報  16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DAC5681 データシート(HTML) 9 Page - Texas Instruments

Back Button DAC5681_15 Datasheet HTML 5Page - Texas Instruments DAC5681_15 Datasheet HTML 6Page - Texas Instruments DAC5681_15 Datasheet HTML 7Page - Texas Instruments DAC5681_15 Datasheet HTML 8Page - Texas Instruments DAC5681_15 Datasheet HTML 9Page - Texas Instruments DAC5681_15 Datasheet HTML 10Page - Texas Instruments DAC5681_15 Datasheet HTML 11Page - Texas Instruments DAC5681_15 Datasheet HTML 12Page - Texas Instruments DAC5681_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
DAC5681
www.ti.com
SLLS864C – AUGUST 2007 – REVISED AUGUST 2012
ELECTRICAL CHARACTERISTICS (DIGITAL SPECIFICATIONS)
over recommended operating free-air temperature range, AVDD, IOVDD = 3.3V, CLKVDD, DVDD = 1.8V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVDS INTERFACE: D[15:0]P/N, SYNCP/N, DCLKP/N (1)
Logic high differential
VA,B+
175
mV
input voltage threshold
Logic low differential
VA,B–
–175
mV
input voltage threshold
VCOM1
Input Common Mode
SYNCP/N, D[15:0]P/N only
1.0
V
DCLKP/N only
DVDD
VCOM2
Input Common Mode
V
÷2
ZT
Internal termination
SYNCP/N, D[15:0]P/N only
85
110
135
LVDS Input
CL
2
pF
capacitance
DCLKP/N: 0 to 125MHz (see Figure 20) DLL
Setup_min
1100
tS, tH
DCLK to Data
Disabled, CONFIG5 DLL_bypass = 1, CONFIG10
ps
Hold_min
–600
= '00000000'
Positive
1000
DCLKP/N = 150 MHz
Negative
–1800
Positive
800
DCLKP/N = 200 MHz
Negative
–1300
Positive
600
DCLKP/N = 250 MHz
Negative
–1000
Positive
450
DLL Enabled,
DCLKP/N = 300 MHz
Negative
–800
tSKEW(A),
CONFIG5 DLL_bypass =
DCLK to Data Skew(2)
ps
tSKEW(B)
0,
Positive
400
DCLKP/N = 350 MHz
DDR format
Negative
–700
Positive
300
DCLKP/N = 400 MHz
Negative
–600
Positive
300
DCLKP/N = 450 MHz
Negative
–500
Positive
350
DCLKP/N = 500 MHz
Negative
–300
DLL Disabled, CONFIG5 DLL_bypass = 1, DDR format,
250
DCLKP frequency: <125 MHz
Input data rate
fDATA
MSPS
supported
DLL Enabled, CONFIG5 DLL_bypass = 0, DDR format,
250
1000
DCLKP frequency: 125 to 500 MHz
CONFIG10 = '11001101' = 0xCD
125-150
CONFIG10 = '11001110' = 0xCE
150-175
DLL Operating
DLL Enabled, CONFIG5
Frequency (DCLKP/N
DLL_bypass = 0, DDR
CONFIG10 = '11001111' = 0xCF
175-200
MHz
Frequency)
format
CONFIG10 = '11001000' = 0xC8
200-325
CONFIG10 = '11000000' = 0xC0
325-500
(1)
See LVDS INPUTS section for terminology.
(2)
Positive skew: Clock ahead of data.
Negative skew: Data ahead of clock.
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DAC5681


同様の部品番号 - DAC5681_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC5681IRGCR TI-DAC5681IRGCR Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681IRGCT TI-DAC5681IRGCT Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI1-DAC5681Z Datasheet
5Mb / 61P
[Old version datasheet]   Interpolating Digital-To-Analog Converter
DAC5681ZIRGCR TI-DAC5681ZIRGCR Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
More results

同様の説明 - DAC5681_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC5681 TI-DAC5681 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z_15 Datasheet
2Mb / 58P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
ADS54J60 TI1-ADS54J60 Datasheet
4Mb / 76P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
DAC5682Z TI-DAC5682Z_09 Datasheet
2Mb / 59P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z Datasheet
2Mb / 56P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI1-DAC5682Z_17 Datasheet
3Mb / 66P
[Old version datasheet]   16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com