データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA1062ANG-S16-R データシート(PDF) 10 Page - Unisonic Technologies

部品番号 TEA1062ANG-S16-R
部品情報  LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA1062ANG-S16-R データシート(HTML) 10 Page - Unisonic Technologies

Back Button TEA1062ANG-S16-R Datasheet HTML 6Page - Unisonic Technologies TEA1062ANG-S16-R Datasheet HTML 7Page - Unisonic Technologies TEA1062ANG-S16-R Datasheet HTML 8Page - Unisonic Technologies TEA1062ANG-S16-R Datasheet HTML 9Page - Unisonic Technologies TEA1062ANG-S16-R Datasheet HTML 10Page - Unisonic Technologies TEA1062ANG-S16-R Datasheet HTML 11Page - Unisonic Technologies TEA1062ANG-S16-R Datasheet HTML 12Page - Unisonic Technologies TEA1062ANG-S16-R Datasheet HTML 13Page - Unisonic Technologies TEA1062ANG-S16-R Datasheet HTML 14Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TEA1062N/TEA1062AN
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 14
www.unisonic.com.tw
QW-R108-011.D
LN
VEE
Leq
Vref
Rp
R1
C3
C1
100
F
4.7
F
REG
VCC
R9
20
Rp=16.2k
Leq=C3*R9*Rp
Fig.3 Equivalent impedance circuit
The anti-sidetone network for the UTCTEA1062N/TEA1062AN family shown in Fig.4 attenuates the signl received
from the line by 32 dB before it enters the receiving amplifier. The attenuation is almost constant over the whole
audio frequency range. Fig.5 shows a convertional Wheatstone bridge anti-sidetone circuit that can be used as an
alternative. Both bridge types can be used with either resistive or complex set impedances.
Fig. 4 Equivalent circuit of UTC TEA1062N/TEA1062AN anti-sidetone bridge
Fig. 5 Equivalent circuit of an anti-sidetone network in a wheatstone bridge configuration
150
130
110
90
70
50
30
24
68
10
12
(1)
(2)
(3)
(4)
VLN-VSLPE(V)
Iline
(mA)
(1) 45°C 1068mW
(2) 55°C 934mW
(3) 65°C 800mW
(4) 75°C 666mW
Tamb
Ptot
Fig.6 UTC TEA1062N/TEA1062AN safe operating area


同様の部品番号 - TEA1062ANG-S16-R

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
TEA1062ANG-S16-R UTC-TEA1062ANG-S16-R Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results

同様の説明 - TEA1062ANG-S16-R

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_15 Datasheet
275Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
UTCTEA1062 UTC-UTCTEA1062 Datasheet
113Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062N UTC-TEA1062N_09 Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
TEA1114A PHILIPS-TEA1114A Datasheet
150Kb / 28P
   Low voltage telephone transmission circuit with dialler interface and regulated strong supply
2000 Mar 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com